| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DG412 bảng dữ liệu(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
DG412 bảng dữ liệu(HTML) 2 Page - Intersil Corporation |
|
2 / 13 page ![]() 2 FN3282.13 June 20, 2007 Pinout DG411, DG412, DG413 (16 LD PDIP, SOIC, TSSOP) TOP VIEW Ordering Information PART NUMBER PART MARKING TEMP. RANGE (°C) PACKAGE PKG. DWG. # DG411DJ DG411DJ -40 to +85 16 Ld PDIP E16.3 DG411DJZ (Note) DG411DJZ -40 to +85 16 Ld PDIP** (Pb-free) E16.3 DG411DY* DG411DY -40 to +85 16 Ld SOIC (150 mil) M16.15 DG411DYZ* (Note) DG411DYZ -40 to +85 16 Ld SOIC (150 mil) (Pb-free) M16.15 DG411DVZ* (Note) DG411 DVZ -40 to +85 16 Ld TSSOP (4.4mm) (Pb-free) M16.173 DG412DJ DG412DJ -40 to +85 16 Ld PDIP E16.3 DG412DJZ (Note) DG412DJZ -40 to +85 16 Ld PDIP** (Pb-free) E16.3 DG412DY* DG412DY -40 to +85 16 Ld SOIC (150 mil) M16.15 DG412DYZ* (Note) DG412DYZ -40 to +85 16 Ld SOIC (150 mil) (Pb-free) M16.15 DG412DVZ* (Note) DG412 DVZ -40 to +85 16 Ld TSSOP (4.4mm) (Pb-free) M16.173 DG413DJ DG413DJ -40 to +85 16 Ld PDIP E16.3 DG413DJZ (Note) DG413DJZ -40 to +85 16 Ld PDIP** (Pb-free) E16.3 DG413DY* DG413DY -40 to +85 16 Ld SOIC (150 mil) M16.15 DG413DYZ* (Note) DG413DYZ -40 to +85 16 Ld SOIC (150 mil) (Pb-free) M16.15 DG413DVZ* (Note) DG413 DVZ -40 to +85 16 Ld TSSOP (4.4mm) (Pb-free) M16.173 *Add “-T” suffix for tape and reel. **Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. TRUTH TABLE LOGIC DG411 DG412 DG413 SWITCH SWITCH SWITCH 1, 4 SWITCH 2, 3 0On Off Off On 1 Off On On Off NOTE: Logic “0” ≤0.8V. Logic “1” ≥2.4V. 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 IN1 D1 S1 V- GND S4 IN4 D4 IN2 S2 V+ VL S3 D3 IN3 D2 Pin Descriptions PIN SYMBOL DESCRIPTION 1IN1 Logic Control for Switch 1. 2D1 Drain (Output) Terminal for Switch 1. 3S1 Source (Input) Terminal for Switch 1. 4 V- Negative Power Supply Terminal. 5 GND Ground Terminal (Logic Common). 6S4 Source (Input) Terminal for Switch 4. 7D4 Drain (Output) Terminal for Switch 4. 8IN4 Logic Control for Switch 4. 9IN3 Logic Control for Switch 3. 10 D3 Drain (Output) Terminal for Switch 3. 11 S3 Source (Input) Terminal for Switch 3. 12 VL Logic Reference Voltage. 13 V+ Positive Power Supply Terminal (Substrate). 14 S2 Source (Input) Terminal for Switch 2. 15 D2 Drain (Output) Terminal for Switch 2. 16 IN2 Logic Control for Switch 2. DG411, DG412, DG413 |