| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W149 bảng dữ liệu(PDF) 7 Page - SpectraLinear Inc |
|
|
|||||||||||||||||||||||||||||
W149 bảng dữ liệu(HTML) 7 Page - SpectraLinear Inc |
|
7 / 15 page ![]() W149 Rev 1.0, November 21, 2006 Page 7 of 15 1 32, 31, 29, 28 SDRAM4:7 Clock Output Disable Low Active 1 0 38, 37, 35, 34 SDRAM0:3 Clock Output Disable Low Active 1 Data Byte 4 7-- -- (Reserved) -- -- 0 6-- -- (Reserved) -- -- 0 5-- -- (Reserved) -- -- 0 4-- -- (Reserved) -- -- 0 3-- -- (Reserved) -- -- 0 2-- -- (Reserved) -- -- 0 1-- -- (Reserved) -- -- 0 0-- -- (Reserved) -- -- 0 Data Byte 5 7-- -- (Reserved) -- -- 0 6-- -- (Reserved) -- -- 0 5-- -- (Reserved) -- -- 0 4 47 IOAPIC Clock Output Disable Low Active 1 3-- -- (Reserved) -- -- 0 2-- -- (Reserved) -- -- 0 1 46 REF1 Clock Output Disable Low Active 1 0 2 REF0 Clock Output Disable Low Active 1 Data Byte 6 7-- -- (Reserved) -- -- 0 6-- -- (Reserved) -- -- 0 5-- -- (Reserved) -- -- 0 4-- -- (Reserved) -- -- 0 3-- -- (Reserved) -- -- 0 2-- -- (Reserved) -- -- 0 1-- -- (Reserved) -- -- 0 0-- -- (Reserved) -- -- 0 Data Byte 7 7-- -- (Reserved) -- -- 0 6-- -- (Reserved) -- -- 0 5-- -- (Reserved) -- -- 0 4-- -- (Reserved) -- -- 0 3-- -- (Reserved) -- -- 0 2-- -- (Reserved) -- -- 0 1-- -- (Reserved) -- -- 0 0-- -- (Reserved) -- -- 0 Table 5. Data Bytes 0–7 Serial Configuration Map (continued) Bit(s) Affected Pin Control Function Bit Control Default Pin No. Pin Name 0 1 |