công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W2004 bảng dữ liệu(PDF) 7 Page - Wilmar LLC

tên linh kiện W2004
Giải thích chi tiết về linh kiện  Suggested New Additions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERFORMANCETOOLS [Wilmar LLC]
Trang chủ  https://wilmarllc.com/
Logo PERFORMANCETOOLS - Wilmar LLC

W2004 bảng dữ liệu(HTML) 7 Page - Wilmar LLC

  W2004 Datasheet HTML 1Page - Wilmar LLC W2004 Datasheet HTML 2Page - Wilmar LLC W2004 Datasheet HTML 3Page - Wilmar LLC W2004 Datasheet HTML 4Page - Wilmar LLC W2004 Datasheet HTML 5Page - Wilmar LLC W2004 Datasheet HTML 6Page - Wilmar LLC W2004 Datasheet HTML 7Page - Wilmar LLC W2004 Datasheet HTML 8Page - Wilmar LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Newar Element 14_Suggested Addition_June19
Wilmar Corporation
Quotation Form - Page 7 of 8
Presented To:
Unless noted all quoted prices are valid for 30 days. Prepared on 6/13/2019
130 LM Rechargeable Penlight
Part No.
Inner
Master
Min
UPC
623
6
24
1
815823016233
Mst Pack
16.6 D x 11.2 W x 12.2 H
Weight
10.1
Blister
IP67 rated. 130 LM output, 3.5 hr runtime. Powered by (1) 14500 700mAh
rechargeable lithium ion battery, included with USB charging cable.
102pc Drill and Driver Bit Set
Part No.
Inner
Master
Min
UPC
W9060
4
8
1
039564130878
Mst Pack
8.5 D x 12.5 W x 8.8 H
Weight
21
Color Label
60pcs 1" CRV Bits: Slotted: 1/8", 3/16", 7/32", 1/4", 5/16" Phillips: 0, 1(2), 2(4), 3.
Star: T8, T9, T10, T15, T20, T25, T27, T30, T35, T40 Star (Tamper-proof): T10, T15,
T20, T25, T27, T30, T35 . Hex(MM): 1.5, 2, 2.5, 3, 3.5, 4, 4.5, 5, 5.5, 6 Hex(Tamper-
proof): 2, 2.5, 3, 4, 5, 6, 7 . Hex SAE (Tamper-proof): 5/64", 3/32", 7/64", 1/8",
9/64", 5/32", 3/16", 7/32", 1/4",5/16" Square: 1, 2, 3, 4. 12PCS 2" CRV Bits: Slotted:
3/16", 1/4" Phillips: 1, 2(3), 3 Square: 2, 4(2) Hex: 2.5(2). 2PCS 5" CRV Long Bits:
PH2(2), 1PC 2" Magnetic Bit Holder, 3PCS Socket Adapter Set: 1/4",3/8",1/2".
Digital Automotive Multimeter
Part No.
Inner
Master
Min
UPC
W2969
6
36
039564012914
Mst Pack
21.6 D x 11.5 W x 20.1 H
Weight
28.6
Blister
Perform all standard tests for on the car or bench troubleshooting. Safely
troubleshoot a variety of automotive, household and shop electrical circuits. Test
electrical components for faulty wiring and voltage. Verify voltage on engine
sensors, ignition, fuel systems and charging systems. Large digital LED display, UL
listed leads and probes. Test Leads are 42" or 3.5' Long.
7pc Electrical Screwdriver Set
Part No.
Inner
Master
Min
UPC
W30897
6
24
039564023811
Mst Pack
20.9 D x 21.1 W x 16.8 H
Weight
39.65
Clamshell
Insulated blades for applications up to 1000V AC and 1500V DC. Comfortable non-
slip molded grips. Tested according to IEC 60900 : 2012. Slotted: 3/32" X 3", 5/32" X
4", 7/32" X 5", 1/4" X 6", Phillips: #0 X 3", #1 X 4", #2 X 4".



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com