| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FPV325-20-R050CS bảng dữ liệu(PDF) 1 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
FPV325-20-R050CS bảng dữ liệu(HTML) 1 Page - Bourns Electronic Solutions |
|
1 / 4 page ![]() FPV Series – Riedon™ Ultra Precision Power Resistors by Bourns Features n Formerly a Riedon™ product n Resistances from 0.05 Ω to 650 Ω n Power rating to 50 watts n Resistance tolerances to ±0.01 % n TCR to ±1 PPM/°C n Load stability to 0.01 % n Isolated backplate n RoHS compliant* Applications n Current sense n Battery management systems n Power supplies n Motor drives PRODUCT TECHNICAL LIBRARY INVENTORY SAMPLES CONTACT Additional Information Click these links for more information: Specifications Characteristic FPV325-18 FPV420-30 FPV325-20 FPV420-50 Resistance Range (Ω)1 0.05 - 650 0.05 - 100 0.05 - 650 0.05 - 100 Power Rating (W)2 Free Air @ 70 °C With Heat SInk 3 18 2.5 30 3 20 2.5 50 Thermal Resistance Rthj-c (K/W) 3.5 3.6 2.1 2.2 Tolerances 0.05Ω ≤ R <10 Ω 10.0 Ω ≤ R < 50.0 Ω 50.0 Ω ≤ R 0.1 % / 0.25 % / 0.5 % / 1 % 0.05 % / 0.1 % / 0.25 % / 0.5 % / 1 % 0.01 % / 0.02 % / 0.05 % / 0.1 % / 0.25 % / 0.5 % / 1 % Stability 0.01 % Shelf Life Stability 25 PPM / ΔR after 1 year 50 PPM / ΔR after 3 years Temperature Coefficient 325: (+25 °C to +60 °C) 420: (-55 °C to +125 °C) ±5 PPM/°C ±3 PPM/°C (Standard) ±1 PPM/°C (only from +25 °C to +60 °C) Voltage Proof 750 VDC Max. Current 15 A Thermal EMF <0.1 µV/K Terminals 4 Notes: 1 Other resistance values available upon request. 2 Power rating dependent upon resistance value. General Specifications Operating Temperature Range ................................ -55 °C to +155 °C Resistor Material........................NiCr-Foil Substrate 18 W / 30 W ................................Al2O3 20 W / 50 W ...................................AlN Housing ..................Epoxy + Al-heat sink Connector Material .................. Cu tinned Terminals ...............................................4 Max. Torque................................. 1.0 Nm 75 50 25 0 25 50 75 1000 125 150 Temperature (°C) 200 100 0 -100 -200 -300 -400 -500 -600 -700 NOMINAL Δ R/R NOMINAL SPREAD ±2.3 PPM/°C NOMINAL SPREAD ±2.3 PPM/°C Temperature Coefficient How to Order FPV 325 - 20 - R050 B S Model FPV Size 325 = 3425 420 = 4020 Power Rating 18 = 18 W 20 = 20 W 30 = 30 W 50 = 50 W Resistance “R” represents decimal point (example: R050 = 0.05 Ω, 650R = 650 Ω) Tolerance L = ±0.01 % C = ±0.25 % P = ±0.02 % D = ±0.5 % W = ±0.05 % F = ±1.0 % B = ±0.1 % TCR (PPM/°C) K = ±1 S = ±3 (Standard) M = ±5 Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. “Bourns” is a registered trademark of Bourns, Inc. in the United States and other countries. In April 2023, BE Services Company, Inc., a subsidiary of Bourns, Inc., purchased certain assets of Riedon, Inc., including its logo and trademarks and the right to continue to manufacture former Riedon™ products. “Riedon Logo” is a registered trademark of BE Services Company, Inc., in the United States. “Riedon” is a trademark of BE Services Company, Inc. CALIFORNIA WARNING: Can expose you to lead, a carcinogen and reproductive toxicant. See www.P65Warnings.ca.gov |
Số phần tương tự - FPV325-20-R050CS |
|
Mô tả tương tự - FPV325-20-R050CS |