| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM234H bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM234H bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 14 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. V + to V− Forward Voltage LM134/LM234/LM334 40V LM234-3/LM234-6 30V V + to V− Reverse Voltage 20V R Pin to V − Voltage 5V Set Current 10 mA Power Dissipation 400 mW ESD Susceptibility (Note 6) 2000V Operating Temperature Range (Note 5) LM134 −55˚C to +125˚C LM234/LM234-3/LM234-6 −25˚C to +100˚C LM334 0˚C to +70˚C Soldering Information TO-92 Package (10 sec.) 260˚C TO-46 Package (10 sec.) 300˚C SO Package Vapor Phase (60 sec.) 215˚C Infrared (15 sec.) 220˚C See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” (Appendix D) for other methods of sol- dering surface mount devices. Electrical Characteristics (Note 2) Parameter Conditions LM134/LM234 LM334 Units Min Typ Max Min Typ Max Set Current Error, V +=2.5V, 10µA ≤ I SET ≤ 1mA 3 6 % (Note 3) 1mA < I SET ≤ 5mA 5 8 % 2µA ≤ I SET < 10µA 8 12 % Ratio of Set Current to 100µA ≤ I SET ≤ 1mA 14 18 23 14 18 26 Bias Current 1mA ≤ I SET ≤ 5mA 14 14 2µA ≤I SET ≤100 µA 18 23 18 26 Minimum Operating Voltage 2µA ≤ I SET ≤ 100µA 0.8 0.8 V 100µA < I SET ≤ 1mA 0.9 0.9 V 1mA < I SET ≤ 5mA 1.0 1.0 V Average Change in Set Current 2µA ≤ I SET ≤ 1mA with Input Voltage 1.5 ≤ V+ ≤ 5V 0.02 0.05 0.02 0.1 %/V 5V ≤ V+ ≤ 40V 0.01 0.03 0.01 0.05 %/V 1mA < I SET ≤ 5mA 1.5V ≤ V ≤ 5V 0.03 0.03 %/V 5V ≤ V ≤ 40V 0.02 0.02 %/V Temperature Dependence of 25µA ≤ I SET ≤ 1mA 0.96T T 1.04T 0.96T T 1.04T Set Current (Note 4) Effective Shunt Capacitance 15 15 pF Note 1: .“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. Note 2: Unless otherwise specified, tests are performed at Tj = 25˚C with pulse testing so that junction temperature does not change during test Note 3: Set current is the current flowing into the V+ pin. For the Basic 2-Terminal Current Source circuit shown on the first page of this data sheet. ISET is determined by the following formula: ISET = 67.7 mV/RSET (@ 25˚C). Set current error is expressed as a percent deviation from this amount. ISET increases at 0.336%/˚C @ Tj = 25˚C (227 µV/˚C). www.national.com 2 |