| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HDB36-24-35PN-059 bảng dữ liệu(PDF) 3 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HDB36-24-35PN-059 bảng dữ liệu(HTML) 3 Page - TE Connectivity Ltd |
|
3 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 3 PERFORMANCE SPECIFICATIONS AMPSEAL CONNECTORS Current: Up to 17 amps gold, up to 8 amps tin Temperature: Operating at temperatures -40°C to +125°C for gold plated, -40°C to +105°C for tin plated Durability: Mate and unmate specimens for 10 cycles at maximum rate of 600 cycles per hour. See note. Physical Shock: No discontinuities of 1 microsecond or longer duration. TE Spec 109-26-1. Subject mated specimens to 50 G’s half-sine shock pulses of 11 milliseconds duration. Three shocks in each direction applied along 3 mutually perpendicular planes, 18 total shocks. See Fig 5 in TE product document 108-1329. Insulation Resistance: 100 megohms minimum. TE Spec 109-28-4. Test between adjacent contacts of mated specimens. Immersion: Leakage current not to exceed 50 micro-amperes at 48 volts DC. TE Spec 109-74-5. Immerse specimens to a depth of 100 mm in 5% salt water at a temperature of 23 ± 5° C for 1 hour. Check between adjacent circuits and each surface to reference electrode. Random Vibration: TE Spec 109-21-7, Condition G, except 10-500 Hz frequency range. Subject mated specimens to 10 Gs for 8 hours each plane. See note. Voltage: 250 volts AC Note: Shall meet visual requirements, show no physical damage and shall meet requirements of additional tests as specified in Test Sequence in Figure 3 of TE product document 108-1329. 1.3 mm (AMPSEAL) CONTACTS Durability: TE Spec 109-27. Mate and unmate specimens for 10 cycles at maximum rate of 600 cycles per hour. See note. Current Rating: Up to 17 amps gold, up to 8 amps tin, consult TE product document 108-1329. Contact Retention: TE Spec 109-30. Apply an axial load of 115 N to contacts in the axial direction with wedge lock in locked position. Contacts shall not dislodge. Crimp Tensile Strength: Contact Size Tensile Strength Size 20 80 lbs Size 18 90 lbs Size 16 150 lbs Note: Shall meet visual requirements, show no physical damage and shall meet requirements of additional tests as specified in Test Sequence in Figure 3 of TE product document 108-1329. |