công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM81 bảng dữ liệu(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM81
Giải thích chi tiết về linh kiện  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 bảng dữ liệu(HTML) 9 Page - National Semiconductor (TI)

Back Button LM81_02 Datasheet HTML 5Page - National Semiconductor (TI) LM81_02 Datasheet HTML 6Page - National Semiconductor (TI) LM81_02 Datasheet HTML 7Page - National Semiconductor (TI) LM81_02 Datasheet HTML 8Page - National Semiconductor (TI) LM81_02 Datasheet HTML 9Page - National Semiconductor (TI) LM81_02 Datasheet HTML 10Page - National Semiconductor (TI) LM81_02 Datasheet HTML 11Page - National Semiconductor (TI) LM81_02 Datasheet HTML 12Page - National Semiconductor (TI) LM81_02 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AC Electrical Characteristics (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND, unless otherwise specified.
Note 3: The Absolute maximum input range for :
+2.5Vin - −0.3V to (1.4 x V+ + 0.42V or 6V, whichever is smaller
+3.3Vin - −0.3V to (1.8 x V+ + 0.55V or 6V, whichever is smaller.
Note 4: When the input voltage (VIN) at any pin exceeds the power supplies (VIN < GND or VIN > V
+), the current at that pin should be limited to 5 mA. The 20 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four.
Note 5: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax, θJA and the ambient temperature, TA. The maximum
allowable power dissipation at any temperature is PD =(TJ max−TA)/θJA.
Note 6: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Note 7: See the section titled “Surface Mount” found in any post 1986 National Semiconductor Linear Data Book for other methods of soldering surface mount
devices.
Note 8: Parasitics and or ESD protection circuitry are shown in the figure below for the LM81’s pins. The nominal breakdown voltage of the zener D3 is 6.5V. Care
should be taken not to forward bias the parasitic diode, D1, present on pins: A0/NTEST_OUT, A1 and DACOut/NTEST_IN. Doing so by more than 50 mV may corrupt
a temperature or voltage measurement.
Pin Name
D1
D2
D3
D4
R1
R2
Pin Name
D1
D2
D3
D4
R1
R2
INT
xx
0
∞
+12Vin
x
x
x
R1+R2
∼120k
CI
x
x
0
∞
Vccp1, Vccp2
x
x
0
∞
FAN1–FAN2
x
0
∞
+5Vin
x
x
x
R1+R2
∼120k
SMBCLK
x
0
∞
+3.3Vin, +2.5Vin
x
x
x
R1+R2
∼120k
SMBData
x
x
0
∞
T_CRIT_A
xx
0
∞
RESET
xx
0
∞
VID4–VID0
x
x
0
∞
A0/NTEST_OUT
x
x
x
0
∞
DACOut/NTEST_IN
x
x
x
0
∞
A1
xxx
0
∞
Note 9: Typicals are at TJ =TA = 25˚C and represent most likely parametric norm.
Note 10: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 11: TUE (Total Unadjusted Error) includes Offset, Gain and Linearity errors of the ADC.
Note 12: Guaranteed at 3/4 scale ±15%.
Note 13: Total Monitoring Cycle Time includes temperature conversion, 6 analog input voltage conversions and 2 tachometer readings. Each 9-bit temperature and
8-bit input voltage conversion takes 50 ms typical and 56 ms maximum. Twelve bit temperature conversion takes 400 ms. Fan tachometer readings take 20 ms
typical, at 4400 rpm, and 200 ms maximum.
Note 14: The total fan count is based on 2 pulses per revolution of the fan tachometer output.
Note 15: Timing specifications are tested at the specified logic levels, VIL for a falling edge and VIH for a rising edge.
DS100072-5
An x indicates that the diode exists.
FIGURE 2. ESD Protection Input Structure
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33