| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8067ARTZ bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8067ARTZ bảng dữ liệu(HTML) 7 Page - Analog Devices |
|
7 / 24 page ![]() AD8067 Rev. A | Page 7 of 24 TYPICAL PERFORMANCE CHARACTERISTICS Default Conditions: VS = ±5 V (@ TA = +25°C, G = +10, RL = RF = 1 kΩ, unless otherwise noted.) FREQUENCY – MHz 28 8 10 12 14 16 18 20 22 24 26 1 10 100 G = +20 G = +10 G = +6 G = +8 VOUT = 200mV p-p Figure 4. Small Signal Frequency Response for Various Gains FREQUENCY – MHz 22 14 15 16 17 18 19 20 21 1 10 100 VOUT = 200mV p-p VS = ±12V VS = ±5V VS = +5V Figure 5. Small Signal Frequency Response for Various Supplies FREQUENCY – MHz 22 14 15 16 17 18 19 20 21 1 10 100 VOUT = 2V p-p VS = ±12V VS = ±5V VS = +5V Figure 6. Large Signal Frequency Response for Various Supplies FREQUENCY – MHz 20.7 19.8 19.9 20.0 20.1 20.2 20.3 20.4 20.5 20.6 1 10 100 VOUT = 0.2V p-p VOUT = 0.7V p-p VOUT = 1.4V p-p Figure 7. 0.1 dB Flatness Frequency Response FREQUENCY – MHz 24 14 15 16 17 18 19 20 21 22 23 1 10 100 VOUT = 200mV p-p CL = 100pF CL = 25pF CL = 100pF RSNUB = 24.9Ω CL = 5pF Figure 8. Small Signal Frequency Response for Various CLOAD FREQUENCY – MHz 22 14 15 16 17 18 19 20 21 1 10 100 VOUT = 0.2V p-p, 2V p-p VOUT = 4V p-p Figure 9. Frequency Response for Various Output Amplitudes |