| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD36-24-31PT-059 bảng dữ liệu(PDF) 5 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-31PT-059 bảng dữ liệu(HTML) 5 Page - TE Connectivity Ltd |
|
5 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 5 PERFORMANCE SPECIFICATIONS CIRCULAR DIN CONNECTORS Current: Up to 40 amps Temperature: Operating at temperatures -40°C to +120°C for plastic parts, short term up to +140°C defined in the standard ISO 15170 Durability: 20 cycles, max. testing requirement in the standard ISO 15170, former DIN 72585 Insulation Resistance: No flash over or breakdown between every two contacts or between every contact and outer contour of the housing permitted at 1000 volts AC and 50 or 60 Hz for 60 seconds. Immersion: No ingress of water is allowed, acc. to DIN 40050-9 IPX7, IPX9K Vibration: According to standard ISO 15170, former DIN 72585 Dielectric Withstanding Voltage: No flash over or breakdown between every two contacts or between every contact and outer contour of the housing permitted at 1000 volts AC and 50 or 60 Hz for 60 seconds. 2.5 mm (CIRCULAR DIN) CONTACTS Durability: Maximum mating cycles 10 (tin) 50 (silver) 100 (gold) Current Rating: Contact Size Max. Current 2.5 mm up to 40 amps Contact Retention: Contact Size Min. Load 2.5 mm > 90 N with secondary retention up to 100 N Crimp Tensile Strength: Contact Size Tensile Strength .35 mm2 ≥ 50 N .5 mm2 ≥ 60 N 1.0 mm2 ≥ 100 N 1.5 mm2 ≥ 150 N 2.5 mm2 ≥ 200 N 4.0 mm2 ≥ 250 N |