| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD36-24-23SN-059 bảng dữ liệu(PDF) 42 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-23SN-059 bảng dữ liệu(HTML) 42 Page - TE Connectivity Ltd |
|
42 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 42 ELECTRICAL CONNECTORS CONTACT SIZE(S) PART DESCRIPTION PART NUMBER WEDGE/ TPA 20 Plug, DTM, 8 way, A key, gray DTM06-08SA WM-8S 20 Plug, DTM, 8 way, A key, gray, solid rear grommet DTM06-08SA-C017 Included 20 Plug, DTM, 8 way, A key, gray, shrink boot adapter DTM06-08SA-E007 WM-8S 20 Plug, DTM, 8 way, A key, black, high temp DTM06-08SA-EE04 WM-8S 20 Plug, DTM, 8 way, B key, black DTM06-08SB WM-8S 20 Plug, DTM, 8 way, B key, black, shrink boot adapter DTM06-08SB-E007 WM-8S 20 Plug, DTM, 8 way, C key, green DTM06-08SC WM-8S 20 Plug, DTM, 8 way, D key, brown DTM06-08SD WM-8S DTM13 Series 20 Recept., DTM13, 8 way, A key, gray, custom flange, PCB mount DTM13-08PA-R004 N/A HD30 Series 12 Recept., HD30, 18 shell, 8 way, E seal HD34-18-8PE N/A 12 Recept., HD30, 18 shell, 8 way, E seal, cable clamp HD34-18-8PE-059 N/A 12 Recept., HD30, 18 shell, 8 way, E seal, adapter HD34-18-8PE-072 N/A 12 Recept., HD30, 18 shell, 8 way, N seal HD34-18-8PN N/A 12 Recept., HD30, 18 shell, 8 way, N seal, cable clamp HD34-18-8PN-059 N/A 12 Recept., HD30, 18 shell, 8 way, N seal, adapter HD34-18-8PN-072 N/A 12 Recept., HD30, 18 shell, 8 way, E seal, reverse HD34-18-8SE N/A 12 Recept., HD30, 18 shell, 8 way, E seal, reverse, cable clamp HD34-18-8SE-059 N/A 12 Recept., HD30, 18 shell, 8 way, E seal, reverse, adapter HD34-18-8SE-072 N/A 12 Recept., HD30, 18 shell, 8 way, N seal, reverse HD34-18-8SN N/A 12 Recept., HD30, 18 shell, 8 way, N seal, reverse, cable clamp HD34-18-8SN-059 N/A 12 Recept., HD30, 18 shell, 8 way, N seal, reverse, adapter HD34-18-8SN-072 N/A 12 Plug, HD30, 18 shell, 8 way, E seal, reverse HD36-18-8PE N/A 12 Plug, HD30, 18 shell, 8 way, E seal, reverse, cable clamp HD36-18-8PE-059 N/A 12 Plug, HD30, 18 shell, 8 way, E seal, reverse, adapter HD36-18-8PE-072 N/A 12 Plug, HD30, 18 shell, 8 way, N seal, reverse HD36-18-8PN N/A 12 Plug, HD30, 18 shell, 8 way, N seal, reverse, cable clamp HD36-18-8PN-059 N/A 12 Plug, HD30, 18 shell, 8 way, N seal, reverse, adapter HD36-18-8PN-072 N/A 12 Plug, HD30, 18 shell, 8 way, E seal HD36-18-8SE N/A 12 Plug, HD30, 18 shell, 8 way, E seal, cable clamp HD36-18-8SE-059 N/A |