| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5.0SMDJ16A-R bảng dữ liệu(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
5.0SMDJ16A-R bảng dữ liệu(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 6 page ![]() 5.0SMDJ-R SERIES Transient Voltage Suppressor Diodes *RoHS COMPLIANT & **HAL OGEN FREE www.bourns.com TECHNICAL INVENTORY SAMPLES FOLLOW CONTACT LIBRARY PRODUCT SELECTOR Product Dimensions DIMENSIONS: MM (INCHES) Recommended Footprint Dimension SMC (DO-214AB) A 6.60 - 7.11 (0.260 - 0.280) B 5.59 - 6.22 (0.220 - 0.245) C 2.90 - 3.20 (0.114 - 0.126) D 0.15 - 0.31 (0.006 - 0.012) E 7.75 - 8.13 (0.305 - 0.320) F 0.05 - 0.20 (0.002 - 0.008) G 2.00 - 2.62 (0.079 - 0.103) H 0.76 - 1.52 (0.030 - 0.060) Dimension SMC (DO-214AB) A (Max.) 4.69 (0.185) B (Min.) 3.07 (0.121) C (Min.) 1.52 (0.060) DIMENSIONS: MM (INCHES) Case................................................................Molded plastic per UL Class 94V-0 Polarity .................................. Cathode band indicates unidirectional device No cathode band indicates bidirectional device Physical Specifications Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/ disclaimer.pdf. C B C B MM (INCHES) DIMENSIONS: A CATHODE BAND (UNIDIRECTIONAL DEVICES ONLY) G H E F D A C B C B MM (INCHES) DIMENSIONS: A CATHODE BAND (UNIDIRECTIONAL DEVICES ONLY) G H E F D A Moisture Sensitivity Level....................................................................................... 1 ESD Classification (HBM) .......................................................................................3B Environmental Specifications |