công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD36-24-21SN-059 bảng dữ liệu(PDF) 66 Page - TE Connectivity Ltd

tên linh kiện HD36-24-21SN-059
Giải thích chi tiết về linh kiện  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 bảng dữ liệu(HTML) 66 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 62Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 63Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 64Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 65Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 66Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 67Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 68Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 69Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 70Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 66
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
14 sz. 16,
3 sz. 12, 1 sz. 8
Plug, HD30, 24 shell, 18 way, E seal, reverse, adapter
HD36-24-18PE-072
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Plug, HD30, 24 shell, 18 way, N seal, reverse
HD36-24-18PN
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Plug, HD30, 24 shell, 18 way, N seal, reverse, cable clamp
HD36-24-18PN-059
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Plug, HD30, 24 shell, 18 way, N seal, reverse, adapter
HD36-24-18PN-072
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Plug, HD30, 24 shell, 18 way, N seal
HD36-24-18SN
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Plug, HD30, 24 shell, 18 way, N seal, cable clamp
HD36-24-18SN-059
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Plug, HD30, 24 shell, 18 way, N seal, adapter
HD36-24-18SN-072
N/A
HDB Series
14 sz. 16,
3 sz. 12, 1 sz. 8
Plug, HDB30, 24 shell, 18 way, E seal, reverse, breakaway
HDB36-24-18PE
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Plug, HDB30, 24 shell, 18 way, E seal, reverse, breakaway, cable clamp
HDB36-24-18PE-059
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Plug, HDB30, 24 shell, 18 way, N seal, reverse, breakaway
HDB36-24-18PN
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Plug, HDB30, 24 shell, 18 way, N seal, reverse, breakaway, cable clamp
HDB36-24-18PN-059
N/A
HDP20 Series
14 sz. 16,
3 sz. 12, 1 sz. 8
Recept., HDP20, 24 shell, 18 way, black, E seal
HDP24-24-18PE
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Recept., HDP20, 24 shell, 18 way, black, E seal, threaded adapter
HDP24-24-18PE-L015
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Recept., HDP20, 24 shell, 18 way, black, E seal, ring adapter
HDP24-24-18PE-L017
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Recept., HDP20, 24 shell, 18 way, black, E seal, wide threaded adapter
HDP24-24-18PE-L024
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Recept., HDP20, 24 shell, 18 way, black, N seal
HDP24-24-18PN
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Recept., HDP20, 24 shell, 18 way, black, N seal, threaded adapter
HDP24-24-18PN-L015
N/A
14 sz. 16,
3 sz. 12, 1 sz. 8
Recept., HDP20, 24 shell, 18 way, black, N seal, ring adapter
HDP24-24-18PN-L017
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com