| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6235D bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6235D bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 25 page ![]() L6235 20/25 Figure 24. PowerDIP24 Junction-Ambient thermal resistance versus on-board copper area. Figure 25. SO24 Junction-Ambient thermal resistance versus on-board copper area. Figure 26. Mounting the PowerSO Package. 39 40 41 42 43 44 45 46 47 48 49 1 2 3 4 5 6 7 8 9 101112 C opper Are a is on Bo ttom Sid e C opper Are a is on To p S i de sq . cm ºC / W On-Board Copper Area 48 50 52 54 56 58 60 62 64 66 68 123 45 6789 10 11 12 C o pp er A rea is o n T op S ide sq. cm ºC / W On-Board Copper Area Slug soldered to PCB with dissipating area Slug soldered to PCB with dissipating area plus ground layer Slug soldered to PCB with dissipating area plus ground layer contacted through via holes |