công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD36-18-21PN-059 bảng dữ liệu(PDF) 14 Page - TE Connectivity Ltd

tên linh kiện HD36-18-21PN-059
Giải thích chi tiết về linh kiện  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-18-21PN-059 bảng dữ liệu(HTML) 14 Page - TE Connectivity Ltd

Back Button HD36-18-21PN-059 Datasheet HTML 10Page - TE Connectivity Ltd HD36-18-21PN-059 Datasheet HTML 11Page - TE Connectivity Ltd HD36-18-21PN-059 Datasheet HTML 12Page - TE Connectivity Ltd HD36-18-21PN-059 Datasheet HTML 13Page - TE Connectivity Ltd HD36-18-21PN-059 Datasheet HTML 14Page - TE Connectivity Ltd HD36-18-21PN-059 Datasheet HTML 15Page - TE Connectivity Ltd HD36-18-21PN-059 Datasheet HTML 16Page - TE Connectivity Ltd HD36-18-21PN-059 Datasheet HTML 17Page - TE Connectivity Ltd HD36-18-21PN-059 Datasheet HTML 18Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 14
SERIES OVERVIEW
DRB Series
•
Accepts contact sizes 4 (100 amps), 8 (60 amps), 12 (25 amps), 16 (13 amps), and 20 (7.5 amps)
•
6-22 AWG (16.00-0.35 mm2)
•
48, 60, 102, and 128 cavity arrangements
•
Flange mount
•
Rectangular, thermoplastic housing
•
Jackscrew for mating
•
Wedgelocks confirm contact alignment and retention
DRC Series
•
Accepts contact sizes 16 (13 amps), and 20 (7.5 amps)
•
14-22 AWG (2.50-0.35 mm2)
•
24, 38, 40, 50, 60, 64, 70, and 76 cavity arrangements
•
In-line, flange, or PCB mount
•
Rectangular, thermoplastic housing
•
Jackscrew for mating
DT Series
•
Accepts contact size 16 (13 amps)
•
14-20 AWG (2.50-0.50 mm2)
•
2, 3, 4, 6, 8, and 12 cavity arrangements
•
In-line, flange, or PCB mount
•
Rectangular, thermoplastic housing
•
Integrated latch for mating
•
Wedgelocks confirm contact alignment and retention
•
Product specification document: 108-151009
DTHD Series
•
Accepts contact sizes 4 (100 amps), 8 (60 amps), and 12 (25 amps)
•
6-14 AWG (16.00-2.00 mm2)
•
1 cavity arrangement
•
In-line or flange mount
•
Circular, thermoplastic housing
•
Integrated latch for mating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More