| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD620BRZ-R7 bảng dữ liệu(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD620BRZ-R7 bảng dữ liệu(HTML) 20 Page - Analog Devices |
|
20 / 20 page ![]() AD620 Rev. G | Page 20 of 20 ORDERING GUIDE Model Temperature Range Package Option1 AD620AN −40°C to +85°C N-8 AD620ANZ2 −40°C to +85°C N-8 AD620BN −40°C to +85°C N-8 AD620BNZ2 −40°C to +85°C N-8 AD620AR −40°C to +85°C R-8 AD620ARZ2 −40°C to +85°C R-8 AD620AR-REEL −40°C to +85°C 13" REEL AD620ARZ-REEL2 −40°C to +85°C 13" REEL AD620AR-REEL7 −40°C to +85°C 7" REEL AD620ARZ-REEL72 −40°C to +85°C 7" REEL AD620BR −40°C to +85°C R-8 AD620BRZ2 −40°C to +85°C R-8 AD620BR-REEL −40°C to +85°C 13" REEL AD620BRZ-RL2 −40°C to +85°C 13" REEL AD620BR-REEL7 −40°C to +85°C 7" REEL AD620BRZ-R72 −40°C to +85°C 7" REEL AD620ACHIPS −40°C to +85°C Die Form AD620SQ/883B −55°C to +125°C Q-8 1 N = Plastic DIP; Q = CERDIP; R = SOIC. 2 Z = Pb-free part. © 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. C00775–0–12/04(G) |