| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2R-08P bảng dữ liệu(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
P2R-08P bảng dữ liệu(HTML) 13 Page - Omron Electronics LLC |
|
13 / 27 page ![]() 13 Common Sockets PYFZ/PYF (Unit: mm) Dimensions Terminal Arrangement/Internal Connections Mounting Hole Dimensions 6 35.4 23 max. 4 30 max. 72 max. 8-M3×8 Two, 4.2 × 5 mounting holes 6+0.2 −0.1 35.4 6 31 max. 23 max. 4 72 max. 8-M3×8 Two, 4.2 × 5 mounting holes 6+0.2 −0.1 PYFZ-08 PYFZ-08-E (Finger Protection Structure) (Top View) 4 1 5 9 12 14 13 8 Two M3 or M4 or 4.5-dia. holes 59±0.3 15±0.2 Note: Track mounting is also possible. (Top View) 6 4 35.4 3.4 23 max. 30 max. 72 max. 6+0.2 −0.1 8-M3×8 Two, 4.2 × 5 mounting holes 3.4 35.4 6 4 31 max. 23 max. 4 72 max. 8-M3×8 Two, 4.2 × 5 mounting holes 6+0.2 −0.1 PYF08A PYF08A-E (Finger Protection Structure) 4 1 5 9 12 14 13 8 (Top View) Two M3 or M4 or 4.5-dia. holes 59±0.3 15±0.2 Note: Track mounting is also possible. (Top View) 7±0.2 3 dia. 18 max. 44.5 max. 3.5-dia. mounting holes 6.5-dia. countersinking, depth: 11.5 33.5 max. 1.5 8-M3.5×7.5 PYF08M (Top View) 1 5 9 13 8 12 14 4 20±0.1 3.5-dia. hole 3.5-dia. or M3 hole 29.5 max. Two, 4.2 × 5 mounting holes 11-M3×8 3.4 35.4 4 6 16.5 30 max. 72 max. 6+0.2 −0.1 PYF11A 1 4 5 6 2 3 7 8 9 11 10 (Top View) 22±0.2 59±0.3 Two M3 or M4 or 4.5-dia. holes Note: Track mounting is also possible. (Top View) |