công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12048 bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện ADC12048
Giải thích chi tiết về linh kiện  12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12048 bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI)

  ADC12048 Datasheet HTML 1Page - National Semiconductor (TI) ADC12048 Datasheet HTML 2Page - National Semiconductor (TI) ADC12048 Datasheet HTML 3Page - National Semiconductor (TI) ADC12048 Datasheet HTML 4Page - National Semiconductor (TI) ADC12048 Datasheet HTML 5Page - National Semiconductor (TI) ADC12048 Datasheet HTML 6Page - National Semiconductor (TI) ADC12048 Datasheet HTML 7Page - National Semiconductor (TI) ADC12048 Datasheet HTML 8Page - National Semiconductor (TI) ADC12048 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Connection Diagrams
PLCC Package
PQFP Package
01238702
Order Number ADC12048CIV
See NS Package Number V44A
01238703
Order Number ADC12048CIVF
See NS Package Number VGZ44A
Ordering Information
Industrial Temperature Range
Package
−40˚C
≤ T
A
≤ +85˚C
ADC12048CIV
PLCC
ADC12048CIVF
PQFP
Pin Description
PLCC Pkg.
PQFP Pkg.
Pin Name
Description
Pin Number
Pin Number
6
44
CH0
The eight analog inputs to the Multiplexer. Active channels are selected
based on the contents of bits b3–b0 of the Configuration register. Refer
to section titled MUX for more details.
7
1
CH1
8
2
CH2
9
3
CH3
15
9
CH4
16
10
CH5
17
11
CH6
18
12
CH7
14
8
COM
This pin is another analog input pin used as a pseudo ground when the
multiplexer is configured in single-ended mode.
13
7
V
REF+
Positive reference input. The operating voltage range for this input is
1V
≤ V
REF+
≤ V
A+ (see Figure 3 and 4). This pin should be bypassed to
AGND at least with a parallel combination of a 10 µF and a 0.1 µF
(ceramic) capacitors. The capacitors should be placed as close to the
part as possible.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32