| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L4931ABD45 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4931ABD45 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 29 page ![]() L4931 SERIES 16/29 ELECTRICAL CHARACTERISTICS OF L4931Cxx52 (refer to the test circuits, TJ = 25°C, CI =0.1 µF, CO = 2.2 µF unless otherwise specified). (*) For SO-8 package the maximum limit of load regulation and dropout is increased by 20 mV. ELECTRICAL CHARACTERISTICS OF L4931ABxx55 (refer to the test circuits, TJ = 25°C, CI =0.1 µF, CO = 2.2 µF unless otherwise specified). (*) For SO-8 package the maximum limit of load regulation and dropout is increased by 20 mV. Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =5mA VI = 7.2 V 5.096 5.2 5.304 V IO =5mA VI =7.2 V TA=-25 to 85°C 4.992 5.408 VI Operating Input Voltage IO = 250 mA 20 V Iout Output Current Limit 300 mA ∆V O Line Regulation VI =6 to 20 V IO = 0.5 mA 3.521mV ∆V O(*) Load Regulation VI =6.2 V IO = 0.5 to 250 mA 3 18 mV Id Quiescent Current ON MODE VI = 6.2 to 20 V IO = 0 mA 0.61mA VI = 6.2 to 20 V IO = 250 mA 4 6 OFF MODE VI =6 V 50 100 µA SVR Supply Voltage Rejection IO =5mA VI =7.2 ± 1 V f = 120 Hz 70 dB f= 1KHz 67 f= 10 KHz 55 eN Output Noise Voltage B =10 Hz to 100 KHz 50 µV Vd(*) Dropout Voltage IO = 250 mA 0.4 0.6 V IO = 250 mA TJ= -40 to 125°C 0.8 VIL Control Input Logic Low TA= -40 to 125°C 0.8 V VIH Control Input Logic High TA= -40 to 125°C 2 V II Control Input Current VI =6 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 250 mA 2 10 µF Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =5mA VI = 7.5 V 5.445 5.5 5.555 V IO =5mA VI =7.5 V TA=-25 to 85°C 5.39 5.61 VI Operating Input Voltage IO = 250 mA 20 V Iout Output Current Limit 300 mA ∆V O Line Regulation VI = 6.3 to 20 V IO = 0.5 mA 3.5 17.5 mV ∆V O(*) Load Regulation VI =6.5 V IO = 0.5 to 250 mA 3 15 mV Id Quiescent Current ON MODE VI = 6.5 to 20 V IO = 0 mA 0.61mA VI = 6.5 to 20 V IO = 250 mA 4 6 OFF MODE VI =6 V 50 100 µA SVR Supply Voltage Rejection IO =5mA VI =7.5 ± 1 V f = 120 Hz 70 dB f= 1KHz 67 f= 10 KHz 55 eN Output Noise Voltage B =10 Hz to 100 KHz 50 µV Vd(*) Dropout Voltage IO = 250 mA 0.4 0.6 V IO = 250 mA TJ= -40 to 125°C 0.8 VIL Control Input Logic Low TA= -40 to 125°C 0.8 V VIH Control Input Logic High TA= -40 to 125°C 2 V II Control Input Current VI =6 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 250 mA 2 10 µF |