| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L4931ABD40 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4931ABD40 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 29 page ![]() L4931 SERIES 17/29 ELECTRICAL CHARACTERISTICS OF L4931Cxx55 (refer to the test circuits, TJ = 25°C, CI =0.1 µF, CO = 2.2 µF unless otherwise specified). (*) For SO-8 package the maximum limit of load regulation and dropout is increased by 20 mV. ELECTRICAL CHARACTERISTICS OF L4931ABxx60 (refer to the test circuits, TJ = 25°C, CI =0.1 µF, CO = 2.2 µF unless otherwise specified). (*) For SO-8 package the maximum limit of load regulation and dropout is increased by 20 mV. Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =5mA VI = 7.5 V 5.39 5.5 5.61 V IO =5mA VI =7.5 V TA=-25 to 85°C 5.28 5.72 VI Operating Input Voltage IO = 250 mA 20 V Iout Output Current Limit 300 mA ∆V O Line Regulation VI = 6.3 to 20 V IO = 0.5 mA 3.521mV ∆V O(*) Load Regulation VI =6.5 V IO = 0.5 to 250 mA 3 18 mV Id Quiescent Current ON MODE VI = 6.5 to 20 V IO = 0 mA 0.61mA VI = 6.5 to 20 V IO = 250 mA 4 6 OFF MODE VI =6 V 50 100 µA SVR Supply Voltage Rejection IO =5mA VI =7.5 ± 1 V f = 120 Hz 70 dB f= 1KHz 67 f= 10 KHz 55 eN Output Noise Voltage B =10 Hz to 100 KHz 50 µV Vd(*) Dropout Voltage IO = 250 mA 0.4 0.6 V IO = 250 mA TJ= -40 to 125°C 0.8 VIL Control Input Logic Low TA= -40 to 125°C 0.8 V VIH Control Input Logic High TA= -40 to 125°C 2 V II Control Input Current VI =6 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 250 mA 2 10 µF Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =5mA VI =8V 5.94 6 6.06 V IO =5mA VI =8V TA=-25 to 85°C 5.88 6.12 VI Operating Input Voltage IO = 250 mA 20 V Iout Output Current Limit 300 mA ∆V O Line Regulation VI = 6.8 to 20 V IO =0.5 mA 4 20 mV ∆V O(*) Load Regulation VI =7 V IO = 0.5 to 250 mA 3 15 mV Id Quiescent Current ON MODE VI =7 to 20 V IO = 0 mA 0.8 1.6 mA VI =7 to 20 V IO = 250 mA 4.5 7 OFF MODE VI =6 V 70 140 µA SVR Supply Voltage Rejection IO =5mA VI =8 ± 1 V f = 120 Hz 69 dB f= 1KHz 66 f= 10 KHz 55 eN Output Noise Voltage B =10 Hz to 100 KHz 50 µV Vd(*) Dropout Voltage IO = 250 mA 0.4 0.6 V IO = 250 mA TJ= -40 to 125°C 0.8 VIL Control Input Logic Low TA= -40 to 125°C 0.8 V VIH Control Input Logic High TA= -40 to 125°C 2 V II Control Input Current VI =6 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 250 mA 2 10 µF |