| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADM1192-1ARMZ-R7 bảng dữ liệu(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1192-1ARMZ-R7 bảng dữ liệu(HTML) 17 Page - Analog Devices |
|
17 / 20 page ![]() ADM1192 Rev. B | Page 17 of 20 KELVIN SENSE RESISTOR CONNECTION When using a low value sense resistor for high current measure- ment, the problem of parasitic series resistance can arise. The lead resistance can be a substantial fraction of the rated resistance, making the total resistance a function of lead length. This problem can be avoided by using a Kelvin sense connection. This type of connection separates the current path through the resistor and the voltage drop across the resistor. Figure 30 shows the correct way to connect the sense resistor between the VCC pin and the SENSE pin of the ADM1192. SENSE RESISTOR KELVIN SENSE TRACES VCC SENSE ADM1192 CURRENT FLOW FROM SUPPLY CURRENT FLOW TO LOAD Figure 30. Kelvin Sense Connections |