| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CY28158PVC bảng dữ liệu(PDF) 8 Page - SpectraLinear Inc |
|
|
|||||||||||||||||||||||||||||
CY28158PVC bảng dữ liệu(HTML) 8 Page - SpectraLinear Inc |
|
8 / 9 page ![]() CY28158 Rev 1.0, November 20, 2006 Page 8 of 9 Switching Waveforms (continued) PCI_STOP# CPU (Internal) PCI (Internal) PCI_F PCI_STOP# PCI (External) (Free-Running) PWR_DWN# CPU (Internal) PCI (Internal) PWR_DWN# PCI CPU (External) (External) VCO Crystal Shaded section on the VCO and Crystal waveforms indicates that the VCO and crystal oscillator are active, and there is a valid clock. Test Circuit Note: All capacitors must be placed as close to the pins as is physically possible. 1, 7, 8, 13, 19, 20, 21, 24, 29, 40, 44, 48, 52 4, 10, 16, 17, 22, 23, 27, 31, 39 VDD_PCI, VDD_3V66, CLOAD OUTPUTS VDD_CPU, CY28158 43, 47, 51, 56 Note: Each supply pin must have an individual decoupling capacitor on test circuit at 0.1 F. VDD_48MHZ, VDD_REF, VDD_IOAPIC VDDA Ordering Information Ordering Code Package Name Package Type Operating Range CY28158PVC O56 56-Pin SSOP Commercial CY28158PVCT O56 56-Pin SSOP- Tape and Reel Commercial Lead Free CY28158OXC O56 56-Pin SSOP Commercial CY28158OXCT O56 56-Pin SSOP- Tape and Reel Commercial |