| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPC19 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EPC19 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 5 page ![]() Switching Power Transformers EPC Series Shape & Dimensions in mm Dimensions in mm (inches) PART NO. TERMINALPINS A B C D E F EPC10 8 5.5 10.2 11.5+/-0.5 2.0 10.9 10.9 EPC13 10 6.8 17.2 20.2+/-0.2 3.0 14 14 EPC19 10 9.5 22.5 25 3.5 20 20 EPC25 10 11.5 27.6 29.6 3.8 25 25 TYPE : H ->HORIZONTAL TYPE V ->VERTICAL TYPE DESIGN AS CUSTOMER'S REQUESTED SPECIFICATIONS ETD Series Shape & Dimensions in mm Dimensions in mm (inches) PART NO. TERMINALPINS A B C+/-0.5 D+/-0.5 E+/-0.5 F TYPE ETD-24 12 35.6 21 17.8 4 5.08 36.1 V ETD-29 12 40.9 24 20.3 4 5.08 41.8 V ETD-29 14 24.9 35.1 25.5 4 5 35.7 H ETD-34 16 39.9 31.7 25.5 4 5 42 V ETD-34 14 29.8 40 25.5 4 5 39.9 H ETD-39 14 35.6 44.2 30.7 4 5 44.6 H ETD-44 18 42 32 27.5 4 5 45 V ETD-44 18 39.6 51.3 35.7 4 5 49.8 H ETD-49 22 57.5 36 27.5 5 5 53.7 V ETD-49 20 41.4 57.2 40.7 5 5 54.7 H TYPE : H ->HORIZONTAL TYPE V ->VERTICAL TYPE DESIGN AS CUSTOMER'S REQUESTED SPECIFICATIONS |