| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPC13 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EPC13 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 5 page ![]() Switching Power Transformers Shape & Dimensions in mm Dimensions in mm (inches) PART NO. TERMINALPINS A B C+/-0.5 D+/-0.5 E+/-0.5 F TYPE EER25.5 8 19.5 19.7 12.5 4 5 25.5 V EER28 12 30.5 23 17.5 4 5 31 V EER28 12 23.1 28.2 25 4 5 29.1 H EERL28 12 36 27 20 4 5 30 V EERL28 12 26.3 37.1 30 4 5 30.2 H EER33 14 37.5 28 22.5 4 5 36 V EERL35 14 43.5 28 22.5 4 5 35.5 V EERL35 16 29.1 40.3 35.4 4 5 40.3 H EERL39 16 46 31.1 25 4 5 43.1 V EERL39 16 33 41.5 30.85 4 5 42.3 H EER39 18 33 33 25 5 2.5 50 V EER40 16 48 31.1 25 4 5 43.1 V EER4215 14 45.5 30 25 4 5 42 V EER4220 14 44 37.5 36 4 5 42 V TYPE : H ->HORIZONTAL TYPE V ->VERTICAL TYPE DESIGN AS CUSTOMER'S REQUESTED SPECIFICATIONS EF Series Shape & Dimensions in mm Dimensions in mm (inches) PART NO. TERMINALPINS A B C+/-0.5 D+/-0.5 E+/-0.5 F TYPE EF-12.6 6 16 10 7.6 4 3.8 14.4 V EF-12.6 10 9.5 17.7 10.9 4 2.5 13.2 H EF-16 6 18.5 11.5 7.5 4 3.75 16.2 V EF-16 14 13.5 19 15.24 4 2.54 16.9 H EF-20 6 21 13 10 4 5.08 20 V EF-20 10 16.6 21.2 15.24 4 3.8 22 H EF-25 6 26 17.1 12.5 4 5 25 V EF-25 10 27.5 19.4 12.7 4 5 25 V EF-25 8 20 26 20 4 5 25.1 H TYPE : H ->HORIZONTAL TYPE V ->VERTICAL TYPE DESIGN AS CUSTOMER'S REQUESTED SPECIFICATIONS |