| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L4969MD bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4969MD bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 35 page ![]() 31/35 L4969 3 INTERRUPT MANAGEMENT Figure 27. All Interrupt flags (in IFR) except ESPI can be masked in the global interrupt enable register (GIEN). An Interrupt will be signalled by NINT going low until either the corresponding mask or the flag itself will be reset by the application software. An autoreset function is available for IFR, allowing to remove all interrupt flags after reading their state (see SPI). EOVT EEW EUV IRES ISET ECW EWW EIFW D7 D0 D11 D0 ESPI ISET IRES UV23 WKIF WKW WKC WKE OVT3 OVT2 OVT1 UVVS GIEN IFR NINT |