công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2201 bảng dữ liệu(PDF) 1 Page - Dwyer Instruments,

tên linh kiện 2201
Giải thích chi tiết về linh kiện  MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DWYER [Dwyer Instruments,]
Trang chủ  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,

2201 bảng dữ liệu(HTML) 1 Page - Dwyer Instruments,

  2201 Datasheet HTML 1Page - Dwyer Instruments, 2201 Datasheet HTML 2Page - Dwyer Instruments, 2201 Datasheet HTML 3Page - Dwyer Instruments, 2201 Datasheet HTML 4Page - Dwyer Instruments,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES
Indicate Positive, Negative or Differential,Accurate within 1%
RUBBER PRESSURE RELIEF PLUG
WILL UNSEAT ITSELF WHEN GAGE
IS OVERPRESSURIZED
[3] 6-32 X 3/16 [4.76] DEEP
HOLES EQUALLY SPACED ON
A Ø4-1/8 [104.78] BOLT CIRCLE
FOR PANEL MOUNTING
1/8 FEMALE NPT
HIGH PRESSURE
CONNECTION
1-3/4
[44.45]
1/2
[12.70]
1/8 FEMALE NPT LOW
PRESSURE CONNECTION
11/16
[17.46]
15/32 [11.91]
1-11/16 [42.86]
Ø4-1/2
[114.3]
1-1/4 [31.75]
17/32
[13.49]
.025 [.64] SPACE CREATED BY 3 SPACER
PADS WHEN SURFACE MOUNTED.
DO NOT OBSTRUCT. PROVIDES PATH
FOR RELIEF OF OVERPRESSURE.
1/8 FEMALE
NPT HIGH
PRESSURE
CONNECTION
1/8 FEMALE
NPT LOW
PRESSURE
CONNECTION
7/16 [11.11]
Ø4-3/4
[120.65]
1/8 FEMALE NPT
HIGH PRESSURE
CONNECTION
1-3/4
[44.45]
1/2
[12.70]
1/8 FEMALE
NPT LOW
PRESSURE
CONNECTION
11/16
[17.46]
17/32
[13.49]
ø4-3/4 [120.65]
PANEL CUTOUT
ø5
[127]
ø4-47/64
[120.27]
3/16
[4.76]
2-17/32
[64.29]
15/32
[11.91]
ø4-1/2
[114.3]
1-1/4
[31.75]
ø5-1/2
[139.70]
MOUNTING RING
Select the
Series 2000 Magnehelic® Differential Pressure Gages for a versatile low
differential pressure gage with a wide choice of 81 models and 27 options to choose
from. Using Dwyer’s simple, frictionless Magnehelic® gage movement, it quickly
indicates air or non-corrosive gas pressures--either positive, negative (vacuum) or
differential. The design resists shock, vibration, over-pressures and is weatherproof
to IP67.
Select the –HA High Accuracy Magnehelic® gage option for an accuracy within 1%
of full-scale. Also included with the –HA option at no extra cost are a mirrored scale
overlay and a 6 point calibration certificate.
BENEFITS/FEATURES
• Easy to read gage through undistorted plastic face permits viewing from far away
• Patented design provides quick response to pressure changes means no delay in
assessing critical situations
• Durable and rugged housing and high-quality components combine to provide long-
service life and minimized down-time
• High accuracy option is twice as accurate as the standard Magnehelic® gage
APPLICATIONS
• Filter monitoring
• Air velocity with Dwyer® pitot tube
• Blower vacuum monitoring
• Fan pressure indication
• Duct, room or building pressures
• Clean room positive pressure indication
u
Over Protection Note: See page 21 (Series 2000)
A-432
A-605
SERIES 2000
VVIID
DEEO
O OONN
High Accuracy Magnehelic® gage
Shown with optional -SS bezel
Standard Magnehelic® gage
DWYER INSTRUMENTS, LLC | dwyer-inst.com
20
SPECIFICATIONS
Service: Air and non-combustible, compatible gases (natural gas option available).
Note: May be used with hydrogen. Order a Buna-N diaphragm. Pressures must be
less than 35 psi.
Wetted Materials: Consult factory.
Housing: Die cast aluminum case and bezel, with acrylic cover. Exterior finish is
coated gray to withstand 168 hour salt spray corrosion test.
Accuracy: ±2% (-HA model ±1) of FS (±3% (-HA ±1.5%) on -0, -100PA, -125PA,
-10MM and ±4% (-HA ±2%) on -00, -60PA, -6MM ranges), throughout range at 70°F
(21.1°C).
Pressure Limits: -20 in Hg to 15 psig (-0.677 to 1.034 bar); MP option: 35 psig
(2.41 bar); HP option: 80 psig (5.52 bar).
Enclosure Rating: IP67.
Overpressure: Relief plug opens at approximately 25 psig (1.72 bar), standard
gages only.u
Temperature Limits: 20 to 140°F* (-6.67 to 60°C). -20°F (-28°C) with low
temperature option.
Size: 4˝ (101.6 mm) diameter dial face.
Mounting Orientation: Diaphragm in vertical position. Consult factory for other
position orientations.
Process Connections: 1/8˝ female NPT duplicate high and low pressure taps - one
pair side and one pair back.
Weight: 1 lb 2 oz (510 g), MP & HP 2 lb 2 oz (963 g).
Standard Accessories: Two 1/8˝ NPT plugs for duplicate pressure taps, two
1/8˝ pipe thread to rubber tubing adaptor, and three flush mounting adapters with
screws. (Mounting and snap ring retainer substituted for three adapters in MP & HP
gage accessories.)
Compliance: Meets the technical requirements of EU Directive 2011/65/EU (RoHS
II).
Note: -SP models not RoHS approved.
*Low temperature models available as special options.
Note: For applications with high cycle rate within gage total pressure rating, next
higher rating is recommended. See Medium and High pressure options.
CALIBRATION SERVICES AVAILABLE
ACCESSORIES
Model Description
A-432
A-605
A-605B
A-605C
Portable kit; combine carrying case with any Magnehelic® gage of
standard range, except high pressure connection. Includes 9 ft (2.7 m) of
3/16˝ ID rubber tubing, standhang bracket and terminal tube with holder
Air filter gage accessory kit; adapts any standard Magnehelic® gage for
use as an air filter gage. Includes aluminum surface mounting bracket
with screws, two 5 ft (1.5 m) lengths of 1/4˝ aluminum tubing, two static
pressure tips and two molded plastic vent valves, integral compression
fittings on both tips and valves
Air filter gage accessory kit; air filter kit with two plastic open/close valves,
two 4˝ steel static tips, plastic tubing and mounting flange
Air filter gage accessory kit; air filter kit with two plastic open/close valves,
two plastic static tips, plastic tubing and mounting flange
USA: California Proposition 65
WARNING: This product can expose you to chemicals including Lead, which is known to the State
of California to cause cancer and birth defects or other reproductive harm. For more information go
to www.P65Warnings.ca.gov.
YEAR LIMITED
WARRANTY


Số phần tương tự - 2201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
2201 ETC1-2201 Datasheet
32Kb / 1P
high Current Toroid Inductors
logo
KR Electronics, Inc.
2201 KR-2201 Datasheet
25Kb / 1P
Lowpass Filter
logo
Texas Instruments
2201 TI1-2201 Datasheet
2Mb / 35P
Multi-Cal-System Evaluation Module
logo
List of Unclassifed Man...
2201 ETC2-2201 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
logo
Grayhill, Inc
2201 GRAYHILL-2201 Datasheet
79Kb / 1P
SPST and SPDT, 10 Amp Momentary Contact
More results

Mô tả tương tự - 2201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Extech Instruments Corp...
HD755 EXTECH-HD755_15 Datasheet
252Kb / 1P
Differential Pressure Manometers
logo
Advanced Thermal Soluti...
PTB-1000 ATS-PTB-1000 Datasheet
513Kb / 1P
DIFFERENTIAL PRESSURE TRANSDUCER BOARD FOR HIGHLY ACCURATE MEASUREMENTS WITHIN ELECTRONIC SYSTEMS
R2_0215
logo
Amphenol Corporation
T10 AMPHENOL-T10 Datasheet
103Kb / 8P
Measures differential, gage pressure, or vacuum
logo
Silicon Microstructures...
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
logo
Festo Corporation.
153499 FESTO-153499 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153502 FESTO-153502 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153504 FESTO-153504 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153513 FESTO-153513 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
logo
Renesas Technology Corp
8T39S11A RENESAS-8T39S11A Datasheet
1Mb / 36P
Crystal or Differential-to-Differential
November 29, 2018
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com