công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S8740190 bảng dữ liệu(PDF) 2 Page - PREMIER DEVICES, INC.

tên linh kiện S8740190
Giải thích chi tiết về linh kiện  Si Push Pull Hybrid 40 - 870MHz 18.5dB min. Gain @ 870MHz 240mA max. @ 24VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PDI [PREMIER DEVICES, INC.]
Trang chủ  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

S8740190 bảng dữ liệu(HTML) 2 Page - PREMIER DEVICES, INC.

  S8740190 Datasheet HTML 1Page - PREMIER DEVICES, INC. S8740190 Datasheet HTML 2Page - PREMIER DEVICES, INC. S8740190 Datasheet HTML 3Page - PREMIER DEVICES, INC. S8740190 Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
S8740190
Si Push Pull, 40 – 870MHz, 18.5dB min. Gain @ 870MHz, 240mA max. @ 24VDC
Page 2 of 4
2004 Jun 01
Document Revision Level C
Notes:
1)
The slope is defined as the difference between the ´ideal gain´ at the start frequency and the ´ideal gain´ at the
stop frequency.
2)
The gain flatness is the deviation of any amplitude value from the ideal gain curve calculated by the following
mathematical model: Gain = G + C*SQRT(fx/f1).
G = constant gain (frequency independent); C = cable constant; fx = desired frequency; f1 = start frequency. The
cable constant C must be optimized during the flatness determination so that the curve best fits the measured
gain figures. The start value for C is calculated using the formula Cstart = (Gn–G1)/(SQRT(fn/f1)-1), where Gn = the
measured gain at the stop frequency, G1 = the measured gain at the start frequency and fn = stop frequency.
The value of G is chosen so that the max. positive deviation of the measured gain from the ´ideal gain´ curve is
the same as the max. negative deviation. The value of C is adapted by ± 0.001 until the ´ideal gain´ curve best
fits the measured curve. The flatness of the module gain is the maximum deviation in measured gain from the
optimized gain formula.
CHARACTERISTICS
Table 2: Distortion data; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
CTB
composite triple beat
79 ch. flat; Vo = 44 dBmV
1)
112 ch. flat; Vo = 44 dBmV
2)
132 ch. flat; Vo = 42 dBmV
3)
-
-
-
-65.0
-56.0
-56.0
-61.0
-54.0
- 53.0
dBc
XMOD
cross modulation
79 ch. flat; Vo = 44 dBmV
1)
112 ch. flat; Vo = 44 dBmV
2)
132 ch. flat; Vo = 42 dBmV
3)
-
-
-
-62.0
-59.0
-61.0
-60.0
-57.0
- 59.0
dBc
CSO
composite second order
distortion
79 ch. flat; Vo = 44 dBmV
1)
112 ch. flat; Vo = 44 dBmV
2)
132 ch. flat; Vo = 42 dBmV
3)
-
-
-
-65.0
-65.0
-62.0
-62.0
-59.0
- 58.0
dBc
d2
second order distortion
4)
5)
6)
-
-
-
-72.0
-65.0
-70.0
dBc
V0
output voltage
dim = -60 dB
7)
dim = -60 dB
8)
dim = -60 dB
9)
62.0
59.0
59.0
-
-
-
dBmV
Notes:
1)
79 channels, NTSC frequency raster: 55.25 MHz to 547.25 MHz, +44 dBmV flat output level.
2)
112 channels, NTSC frequency raster: 55.25 MHz to 745.25 MHz, +44 dBmV flat output level.
3)
132 channels, NTSC frequency raster: 55.25 MHz to 865.25 MHz, +42 dBmV flat output level.
4)
f1 = 55.25 MHz; V1 = 44 dBmV; f2 = 493.25 MHz; V2 = 44 dBmV; fTEST = f1 + f2 = 548.5 MHz.
5)
f1 = 55.25 MHz; V1 = 44 dBmV; f2 = 691.25 MHz; V2 = 44 dBmV; fTEST = f1 + f2 = 746.5 MHz.
6)
f1 = 55.25 MHz; V1 = 44 dBmV; f2 = 805.25 MHz; V2 = 44 dBmV; fTEST = f1 + f2 = 860.5 MHz.
7)
f1 = 540.25 MHz; V1 = Vo; f2 = 547.25 MHz; V2 = Vo – 6 dB; f3 = 549.25 MHz; V3 = Vo – 6 dB;
fTEST = f1 + f2 - f3 = 538.25 MHz, according to DIN45004B.
8)
f1 = 740.25 MHz; V1 = Vo; f2 = 747.25 MHz; V2 = Vo – 6 dB; f3 = 749.25 MHz; V3 = Vo – 6 dB;
fTEST = f1 + f2 - f3 = 738.25 MHz, according to DIN45004B.
9)
f1 = 851.25 MHz; V1 = Vo; f2 = 858.25 MHz; V2 = Vo – 6 dB; f3 = 860.25 MHz; V3 = Vo – 6 dB;
fTEST = f1 + f2 - f3 = 849.25 MHz, according to DIN45004B.
Composite Second Order (CSO)
The CSO parameter (both sum and difference products) is defined by the NCTA.
Composite Triple Beat (CTB)
The CTB parameter is defined by the NCTA.
Cross Modulation (XMOD)
Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the
carrier being tested.



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com