công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF2367PCBA-41X bảng dữ liệu(PDF) 3 Page - RF Micro Devices

tên linh kiện RF2367PCBA-41X
Giải thích chi tiết về linh kiện  PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2367PCBA-41X bảng dữ liệu(HTML) 3 Page - RF Micro Devices

  RF2367PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RF2367
Rev A3 DS060925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1GND
Ground connection. Keep traces physically short and connect immediately
to ground plane for best performance.
2GND
Same as pin 1.
3RF IN
RF input pin. This pin is DC coupled and internally matched to a <2:1 VSWR
at 1880MHz.
4PD
Power Down for the IC. VPD = 2.8V +/- 0.1V turns on the Part. VPD<0.9V
turns off the Part. Lower threshold for device operation is approximately
1.2V. External RF bypassing is required. The trace length between the pin
and the bypass capacitors should be minimized. The ground side of the
bypass capacitors should connect immediately to ground plane. Nominal
current for this pin for VPD =2.8V is 8mA typical.
See pin 3.
5GND
Same as pin 1.
6RF OUT
Amplifier Output pin. This pin is an open-collector output. It must be biased
to either VCC or pin 4 through a choke or matching inductor. This pin is typi-
cally externally matched to 50
Ω with a shunt bias/matching inductor and
series blocking/matching capacitor. Refer to application/evaluation board
schematics.
RF IN
PD
TO OUTPUT
STAGE
0.10
MAX.
0.90
0.70
1.30
1.00
1.90
3.10
2.70
0.50
0.35
3.00
2.60
1.80
1.40
9°
1°
0.25
0.10
0.37 MIN.
Shaded lead is pin 1.
Dimensions in mm.
*When Pin 1 is in upper left,
text reads downward
(as shown).



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com