công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24AA025 bảng dữ liệu(PDF) 16 Page - Microchip Technology

tên linh kiện 24AA025
Giải thích chi tiết về linh kiện  2-Kbit I2C Serial EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA025 bảng dữ liệu(HTML) 16 Page - Microchip Technology

Back Button 24AA025 Datasheet HTML 12Page - Microchip Technology 24AA025 Datasheet HTML 13Page - Microchip Technology 24AA025 Datasheet HTML 14Page - Microchip Technology 24AA025 Datasheet HTML 15Page - Microchip Technology 24AA025 Datasheet HTML 16Page - Microchip Technology 24AA025 Datasheet HTML 17Page - Microchip Technology 24AA025 Datasheet HTML 18Page - Microchip Technology 24AA025 Datasheet HTML 19Page - Microchip Technology 24AA025 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
24AA024/24LC024/24AA025/24LC025
DS20001210Q-page 16
 2007-2022 Microchip Technology Inc. and its subsidiaries
Part Number
1st Line Marking Codes
TSSOP
MSOP
DFN
TDFN
SOT-23
I-TEMP
E-TEMP
I-TEMP
E-TEMP
I-TEMP
E-TEMP
24AA024
4A24
4A24T
2P1
—
AP1
—
—
—
24LC024
4L24
4L24T
2P4
AP5
AP4
2P5
—
—
24AA025
4A25
4A25T
2R1
—
AR1
—
HQNN
HRNN
24LC025
4L25
4L25T
2R4
AR5
AR4
2R5
HMNN
HPNN
6-Lead SOT-23
XXNN
HQEF
Example:
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
RoHS compliant JEDEC® designator for Matte Tin (Sn)
Note: Standard OTP marking consists of Microchip part number, year code, week
code, and traceability code.
Note:
For very small packages with no room for the JEDEC® designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41