công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LES bảng dữ liệu(PDF) 5 Page - LEM

tên linh kiện LES
Giải thích chi tiết về linh kiện  Current Transducer LES series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEM [LEM]
Trang chủ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LES bảng dữ liệu(HTML) 5 Page - LEM

  LES Datasheet HTML 1Page - LEM LES Datasheet HTML 2Page - LEM LES Datasheet HTML 3Page - LEM LES Datasheet HTML 4Page - LEM LES Datasheet HTML 5Page - LEM LES Datasheet HTML 6Page - LEM LES Datasheet HTML 7Page - LEM LES Datasheet HTML 8Page - LEM LES Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Page 5/18
11July2018/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LES series
Electrical data LES 15-NP
At T
A = 25 °C, UC = +5 V, NP = 1 turn, RL = 10 kΩ internal reference, unless otherwise noted (see Definition of typical, minimum and
maximum values paragraph in page 18).
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Primary nominal RMS current
I
P N
A
15
Apply derating according
to fig. 22
Primary current, measuring range
I
P M
A
−51
51
Number of primary turns
N
P
1, 2, 3
Supply voltage
U
C
V
4.75
5
5.25
Current consumption
I
C
mA
)
(
N
mA
I
S
P
18 +
)
(
N
mA
I
S
P
20.5 +
N
S = 2000 turns
Output voltage
V
out
V
0.25
4.75
with U
C = +5 V
Output voltage @ I
P = 0 A
V
out
V
2.5
Electrical offset voltage
V
O E
mV
−15.42
15.42
100 % tested V
out − 2.5 V
Electrical offset current
referred to primary
I
O E
mA
−370
370
100 % tested
Temperature coefficient of V
out
@ I
P = 0 A
TCV
out
ppm/K
±80
ppm/K of 2.5 V
−40 °C … 105 °C
Theoretical sensitivity
G
th
mV/A
41.67
625 mVI
P N
Sensitivity error
ε
G
%
−0.2
0.2
100 % tested
Temperature coefficient of G
TCG
ppm/K
±40
−40 °C … 105 °C
Linearity error
ε
L
% of I
P N
−0.1
0.1
Magnetic offset current (10 × I
P N)
referred to primary
I
O M
−45
45
Output RMS voltage noise spectral
density 100 … 100 kHz referred to
primary
e
no
µV/Hz½
4
Output voltage noise
DC … 10 kHz
DC … 100 kHz
DC … 1 MHz
V
no
mVpp
5.1
6.3
7.6
Reaction time @ 10 % of I
P N
t
ra
µs
0.3
R
L = 1 kΩ, di/dt = 50 A/µs
Step response time to 90 %
of I
P N
t
r
µs
0.4
R
L = 1 kΩ, di/dt = 50 A/µs
Frequency bandwidth (±3 dB)
BW
kHz
300
R
L = 1 kΩ
Overall accuracy
X
G
% of I
P N
2.5
Overall accuracy @ T
A = 85 °C
(105 °C)
X
G
% of I
P N
3 (3.9)
Accuracy
X
% of I
P N
0.45
Accuracy @ T
A = 85 °C (105 °C)
X
% of I
P N
0.7 (0.75)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com