| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CY2SSTV8575ACT bảng dữ liệu(PDF) 7 Page - SpectraLinear Inc |
|
|
|||||||||||||||||||||||||||||
CY2SSTV8575ACT bảng dữ liệu(HTML) 7 Page - SpectraLinear Inc |
|
7 / 7 page ![]() Rev 1.0, November 25, 2006 Page Page 7 of CY2SSTV8575 While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any cir- cuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for use in normal commercial applications and is not warranted nor is it intended for use in life support, critical medical instruments, or any other applica- tion requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to additional processing by Spectra Linear Inc., and expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the right to change any circuitry or specification without notice. Package Drawing and Dimension Ordering Information Part Number Package Type Product Flow CY2SSTV8575AC 32-pin TQFP Commercial, 0 to 85 C CY2SSTV8575ACT 32-pin TQFP -Tape & Reel Commercial, 0 to 85 C 32-Lead Thin Plastic Quad Flatpack 7 x 7 x 1.0 mm A32 51 85063 *B |