công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XC9282A2LE bảng dữ liệu(PDF) 12 Page - Torex Semiconductor

tên linh kiện XC9282A2LE
Giải thích chi tiết về linh kiện  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOREX [Torex Semiconductor]
Trang chủ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9282A2LE bảng dữ liệu(HTML) 12 Page - Torex Semiconductor

Back Button XC9282A2LE Datasheet HTML 8Page - Torex Semiconductor XC9282A2LE Datasheet HTML 9Page - Torex Semiconductor XC9282A2LE Datasheet HTML 10Page - Torex Semiconductor XC9282A2LE Datasheet HTML 11Page - Torex Semiconductor XC9282A2LE Datasheet HTML 12Page - Torex Semiconductor XC9282A2LE Datasheet HTML 13Page - Torex Semiconductor XC9282A2LE Datasheet HTML 14Page - Torex Semiconductor XC9282A2LE Datasheet HTML 15Page - Torex Semiconductor XC9282A2LE Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12/30
XC9281/XC9282 Series
■OPERATIONAL EXPLANATION (Continued)
<100% Duty cycle mode>
In conditions where the input-output voltage difference is small or transient response, the Pch MOS driver transistor might keep
on turning on and the 100% duty cycle mode might be set. The 100% duty cycle mode achieves high output voltage stability and
highspeed response even under full load conditions and the condition where the input-output voltage difference is small.
<CE function>
When "H" voltage (VCEH) is fed to the CE pin, normal operation starts after raising the output voltage with the soft start function.
When the "L" voltage (VCEL) is fed to the CE pin, it enters the standby state and the current consumption is suppressed to 0
μA
(TYP.). Additionally, Pch MOS driver transistor and Nch MOS driver transistor are turned off.
<Soft-Start function>
It is a function to raise the output voltage gradually and suppress inrush current. After the "H" voltage (VCEH) is fed to the CE pin,
the reference voltage which is connected to the error amplifier increases linearly during the soft start period. As a result, the output
voltage increases in proportion to the increase of the reference voltage. This operation can prevent a large inrush current and
smoothly raise the output voltage.
tSS
VOUT(T) x 90%
VCE
VOUT
0V
0V
VCEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com