| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LB-921 bảng dữ liệu(PDF) 6 Page - IDEAL INDUSTRIES, INC. |
|
|
|||||||||||||||||||||||||||||
LB-921 bảng dữ liệu(HTML) 6 Page - IDEAL INDUSTRIES, INC. |
|
6 / 6 page ![]() StripmaSter® Wire StripperS Wire Specification Custom Stripmaster® Custom Stripmaster® Lite Cat. No. Blade Only Cat. No. Wire Gauge Cat. No. Blade Only Cat. No. Wire Gauge MIL-W-81044/4/5/6 MIL-W-5086/1/7 45-170 45-171 L-5210 L-5211 10-14 AWG 16-26 AWG N/A N/A N/A MIL-W-81044/8/9/10 MIL-W-16878/5 MIL-W-81381/3/4 45-173 45-174 45-175 L-5562 L-5563 L-5564 10-14 AWG 16-26 AWG 26-30 AWG 45-635 45-637 45-637 LB-915 LB-917 LB-917 16-22 AWG 24-30 AWG 24-30 AWG MIL-W-22759/32/33/44/45/46 45-1987 45-1654 45-1987-1 45-1654-1 16-26 AWG 16-26 AWG 45-2133 45-2132 45-2133-1 45-2132-1 16-24 AWG 16-24 AWG MIL-81044/11/12/13 MIL-W-22759/34/35/41/42/43 45-1611 45-2500 45-1987 45-178 45-1611-1 45-2500-1 45-1987-1 L-5561 10-14 AWG 10-14 AWG 16-26 AWG 26-30 AWG 45-2133 45-2118 45-640 45-2133-1 45-2118-1 LB-920 16-24 AWG 20-26 AWG 24-30 AWG Raychem 44A021X, 44/051X MIL-W-16878/4 MIL-W-22759/11/12/22/23 45-176 45-1611 45-177 45-178 L-5559 45-1611-1 L-5560 L-5561 10-14 AWG 10-14 AWG 16-26 AWG 26-30 AWG 45-640 LB-920 24-30 AWG MIL-W-81044/16/17 45-1611 45-1610 45-1611-1 45-1610-1 10-14 AWG 16-26 AWG 45-2131 45-2131-1 16-24 AWG MIL-W-81381/1/2//6/7/8/9/10/17/21 45-1609 45-1551 45-178 45-1609-1 45-1551-1 L-5561 10-14 AWG 16-26 AWG 26-30 AWG 45-640 LB-920 24-30 AWG MIL-W-81381/11/12/13/14/22 45-1608 45-1654 45-178 45-1608-1 45-1654-1 L-5561 10-14 AWG 16-26 AWG 26-30 AWG 45-640 LB-920 24-30 AWG MIL-W-22759/18/19 45-1608 45-1551 45-1608-1 45-1551-1 10-14 AWG 16-26 AWG N/A N/A N/A MIL-W-81381/17/21 45-1633 45-1633-1 16-26 AWG 45-2120 45-2120-1 20-26 AWG MIL-W-81381/18/19/20 45-1609 45-1551 45-1609-1 45-1551-1 10-14 AWG 16-26 AWG N/A N/A N/A MIL-W-22759/16/17 45-1611 45-1987 45-1611-1 45-1987-1 10-14 AWG 16-26 AWG 45-2133 45-2118 45-2133-1 45-2118-1 16-24 AWG 22-26 AWG MIL-W-24640/19/22/23/24 45-1957 45-1957-1 14-22 AWG N/A N/A N/A MIL-W-85485/5/6/7/8 45-1925 45-1924 45-1925-1 45-1924-1 10-14 AWG 16-24 AWG N/A N/A N/A MIL-W-85485/9/10/11/12 MIL-W-85485/9/10 45-1611 45-1610 45-1611-1 45-1610-1 10-14 AWG 16-24 AWG 45-2131 45-2131-1 16-24 AWG BMS 1360 Type 1-6, 19-21, 23-27, 33-34 45-2541 45-2543 45-2541-1 45-2543-1 10-14 AWG 16-24 AWG 45-2697 45-2697-1 16-24 AWG BMS 1360 Type 12-18, 28-32 45-2542 45-2544 45-2542-1 45-2544-1 10-14 AWG 16-24 AWG N/A N/A N/A BMS 1360 Type 7-12 45-2565 45-2564 45-2565-1 45-2564-1 10-14 AWG 16-26 AWG N/A N/A N/A MIL-W-22759/80/81/82/91/92 45-2542 45-2544 45-2542-1 45-2544-1 10-14 AWG 16-24 AWG 45-2693 45-2692 45-2693-1 45-2692-1 16-22 AWG 20-26 AWG MIL-W-22759/83/84/85/86/87/88/89/90 45-2541 45-2543 45-2618 45-2541-1 45-2543-1 45-2618-1 10-14 AWG 16-24 AWG 16-26 AWG 45-2685 45-2685-1 16-24 AWG Wire Stripper MIL-spec reference chart – Contact Industrial Customer Service for lead times. |