công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF2860 bảng dữ liệu(PDF) 16 Page - RF Micro Devices

tên linh kiện RF2860
Giải thích chi tiết về linh kiện  PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2860 bảng dữ liệu(HTML) 16 Page - RF Micro Devices

Back Button RF2860 Datasheet HTML 12Page - RF Micro Devices RF2860 Datasheet HTML 13Page - RF Micro Devices RF2860 Datasheet HTML 14Page - RF Micro Devices RF2860 Datasheet HTML 15Page - RF Micro Devices RF2860 Datasheet HTML 16Page - RF Micro Devices RF2860 Datasheet HTML 17Page - RF Micro Devices RF2860 Datasheet HTML 18Page - RF Micro Devices RF2860 Datasheet HTML 19Page - RF Micro Devices RF2860 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16 of 20
RF2860
Rev A9 DS050902
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF2860 Layout Requirements
NOTES:
1. This component is not required on the evaluation board. It may be required on the phone board for optimum IIP3. Compo-
nent placeholder should be on phone board.
2. Ground for LNA emitter. For maximum gain, place ground via as close to pin 3 as possible.
3. This capacitor is required as part of the mixer input match.
4. This inductor/capacitor parallel combination is used for mixer/preamplifier interstage tuning. It must be placed ~1.6mm or
closer to pin 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20