công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF3807PCK-413 bảng dữ liệu(PDF) 13 Page - RF Micro Devices

tên linh kiện RF3807PCK-413
Giải thích chi tiết về linh kiện  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3807PCK-413 bảng dữ liệu(HTML) 13 Page - RF Micro Devices

Back Button RF3807PCK-413 Datasheet HTML 9Page - RF Micro Devices RF3807PCK-413 Datasheet HTML 10Page - RF Micro Devices RF3807PCK-413 Datasheet HTML 11Page - RF Micro Devices RF3807PCK-413 Datasheet HTML 12Page - RF Micro Devices RF3807PCK-413 Datasheet HTML 13Page - RF Micro Devices RF3807PCK-413 Datasheet HTML 14Page - RF Micro Devices RF3807PCK-413 Datasheet HTML 15Page - RF Micro Devices RF3807PCK-413 Datasheet HTML 16Page - RF Micro Devices RF3807PCK-413 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13 of 20
RF3807
Rev A5 DS080220
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is 3
μinch
to 8
μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns for PFMD components are based on IPC-7351 standards and RFMD empirical data. The pad pattern shown
has been developed and tested for optimized assembly at RFMD. The PCB land pattern has been developed to accommodate
lead and package tolerances. Since surface mount processes vary from company to company, careful process development is
recommended.
PCB Metal Land Pattern
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB
metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be
provided in the master data or requested from the PCB fabrication supplier.
A = 1.14 x 0.71
B = 1.02 x 0.71 Typ.
C = 3.96 x 4.44
Dimensions in
mm.
C
A
B
B
B
B
B
B
B
Pin 1
5.93
1.27 Typ.
5.99 Typ.
3.00
3.81 Typ.
1.90
A = 1.30 x 0.86
B = 1.17 x 0.86 Typ.
C = 4.11 x 4.60
Dimensions in
mm.
5.93
Pin 1
A
C
B
B
B
B
B
B
B
1.27 Typ.
5.99 Typ.
3.00
3.81 Typ.
1.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com