| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DIO7004LEST5 bảng dữ liệu(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO7004LEST5 bảng dữ liệu(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD |
|
6 / 12 page ![]() DIO7004 www.dioo.com © 2019 DIOO MICROCIRCUITS CO., LTD DIO7004• Rev 1.1 Electrical Characteristics TA=25°C, VIN = 5V, unless otherwise noted. Symbol Parameter Conditions Min. Typ. Max. Unit VIN Input Voltage Range 2.7 5.5 V ISHDN Shut down Input Current Open load, IC Disabled 0.2 1 µA IQ Quiescent Supply Current Open load, IC Disabled 50 88 µA RDS(ON) FET RON IOUT=100mA 75 99 mΩ VEN(H) EN Rising Threshold VIN = 2.7V to 5.5V 1.4 V VEN(L) EN Falling Threshold VIN = 4.5V to 5.5V 0.6 V VIN = 2.7V to 4.5V 0.5 IEN EN Leakage Current VEN=5.0V 1 µA VIN_UVLO IN UVLO Threshold 2.5 V VIN_HYS IN UVLO Hysteresis 240 400 mV ILIM Current Limit DIO7004HA, DIO7004LA 0.375 0.5 0.625 A DIO7004HB, DIO7004LB 0.75 1 1.25 DIO7004HC, DIO7004LC 1.1 1.5 1.9 DIO7004HD, DIO7004LD 1.5 2 2.5 DIO7004HE, DIO7004LE 2.1 2.5 3.1 TON Turn-on Time RL=10Ω, COUT=1μF 400 µs TOFF Turn-off Time RL=10Ω, COUT=1μF 20 µs TSD Thermal Shut down Temperature 140 °C Thermal Shut down Hysteresis 20 °C |