công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADE7569ACPZF16 bảng dữ liệu(PDF) 72 Page - Analog Devices

tên linh kiện ADE7569ACPZF16
Giải thích chi tiết về linh kiện  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADE7569ACPZF16 bảng dữ liệu(HTML) 72 Page - Analog Devices

Back Button ADE7569ACPZF16 Datasheet HTML 68Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 69Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 70Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 71Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 72Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 73Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 74Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 75Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 72 of 144
ENERGY REGISTER SCALING
The ADE7566/ADE7569/ADE7166/ADE7169 provide
measurements of active, reactive, and apparent energies that use
separate paths and filtering for calculation. The difference in
data paths can result in small differences in LSB weight between
active, reactive, and apparent energy registers. These
measurements are internally compensated so the scaling is nearly
one to one. The relationship between these registers is shown in
Table 46.
Table 46. Energy Registers Scaling
Line Frequency = 50 Hz
Line Frequency = 60 Hz
Integrator
VAR = 0.9952 × WATT
VAR = 0.9949 × WATT
Off
VA = 0.9978 × WATT
VA = 1.0015 × WATT
Off
VAR = 0.9997 × WATT
VAR = 0.9999 × WATT
On
VA = 0.9977 × WATT
VA = 1.0015 × WATT
On
ENERGY MEASUREMENT INTERRUPTS
The energy measurement part of the ADE7566/ADE7569/
ADE7166/ADE7169 has its own interrupt vector for the 8052
core, Vector Address 0x004B (see the Interrupt Vectors section).
The bits set in the Interrupt Enable 1 SFR (MIRQENL, 0xD9),
Interrupt Enable 2 SFR (MIRQENM, 0xDA), and Interrupt
Enable 3 SFR (MIRQENH, 0xDB) enable the energy
measurement interrupts that are allowed to interrupt the 8052
core. If an event is not enabled, it cannot create a system
interrupt.
The ADE interrupt stays active until the status bit that has created
the interrupt is cleared. The status bit is cleared when a zero is
written to this register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com