| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLB12F0000/AA bảng dữ liệu(PDF) 20 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
PLB12F0000/AA bảng dữ liệu(HTML) 20 Page - Positronic. |
|
20 / 72 page ![]() Power Connection Systems Positronic connectpositronic.com 14 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. 0.737±0.002 [18.72±0.05] 0.099±0.002 [2.51±0.05] TYP. 0.197±0.002 [5.00±0.05] 1.474±0.005 [37.44±0.13] 0.099±0.002 [2.51±0.05] 0.197±0.002 [5.00±0.05] 0.934±0.002 [23.72±0.05] 0.099±0.002 [2.51±0.05] TYP. 0.197±0.002 [5.00±0.05] 1.868±0.005 [47.45±0.13] 0.099±0.002 [2.51±0.05] 0.197±0.002 [5.00±0.05] 0.540±0.002 [13.72±0.05] 0.099±0.002 [2.51±0.05] TYP. 0.197±0.002 [5.00±0.05] 1.080±0.005 [27.43±0.13] 0.099±0.002 [2.51±0.05] 0.197±0.002 [5.00±0.05] 0.441±0.002 [11.20±0.05] 0.197±0.002 [5.00±0.05] TYP. 0.882±0.005 [22.40±0.13] 0.099±0.002 [2.51±0.05] 0.197±0.002 [5.00±0.05] 0.737±0.002 [18.72±0.05] 0.099±0.002 [2.51±0.05] TYP. 0.197±0.002 [5.00±0.05] 1.474±0.005 [37.44±0.13] 0.934±0.002 [23.72±0.05] 0.099±0.002 [2.51±0.05] TYP. 0.197±0.002 [5.00±0.05] 1.868±0.005 [47.45±0.13] 0.540±0.002 [13.72±0.05] 0.099±0.002 [2.51±0.05] TYP. 0.197±0.002 [5.00±0.05] 1.080±0.005 [27.43±0.13] 0.441±0.002 [11.20±0.05] 0.197±0.002 [5.00±0.05] TYP. 0.882±0.005 [22.40±0.13] 1.131±0.002 [28.73±0.05] 0.099±0.002 [2.51±0.05] TYP. 0.197±0.002 [5.00±0.05] 2.262±0.005 [57.45±0.13] 0.099±0.002 [2.51±0.05] 0.197±0.002 [5.00±0.05] PLA 03 PLA 06 PLB 06 PLB 12 PLB 20 PLB 16 PLB 08 PLA 08 PLA 04 SUGGESTED PRINTED BOARD HOLE SIZES: Suggest 0.080 [2.03] Ø holes in printed board for solder contact termination positions. Suggest 0.100 [2.54] Ø holes in printed board when mounting connectors with # 2 thread forming screws. Suggest 0.123±0.003 [3.15±0.08] Ø holes in printed board when mounting connector with push-on fasteners. NOTE: See page 57 for suggested printed board drill hole sizes, recommended plating and finished hole sizes for compliant contact termination positions. STRAIGHT SOLDER AND COMPLIANT CONTACT HOLE PATTERN |