| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLB2000A1 bảng dữ liệu(PDF) 49 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
PLB2000A1 bảng dữ liệu(HTML) 49 Page - Positronic. |
|
49 / 72 page ![]() SUGGESTED PRINTED BOARD HOLE SIZES: Suggest 0.145 [3.68] Ø hole in printed board for power contact termination positions. Suggest 0.045 [1.14] Ø hole for signal solder contact termination positions. Suggest 0.100 [2.54] Ø hole in printed board when mounting connectors with #2 thread forming screws. Suggest 0.123±0.003 [3.12±0.08] Ø hole in printed board for mounting connector with push-on fasteners. NOTE: See page 57 for suggested printed board drill hole sizes, recommended plating and finished hole sizes for compliant contact termination positions. Power Connection Systems Positronic connectpositronic.com 43 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. STRAIGHT PRINTED BOARD CONNECTOR AND CONTACT HOLE PATTERN MALE FEMALE Typical part numbers: PLB10W2M300A1 PLBH10W2M300A1 Typical part numbers: PLB10W2F300A1 PLBH10W2F300A1 PLB10W2 PLC16W4 STRAIGHT SOLDER AND COMPLIANT CONTACT HOLE PATTERN MALE FEMALE PLC(H)16W4 STRAIGHT PRINTED BOARD MOUNT CONNECTOR CODE 3, 0.146 [3.71] CONTACT EXTENSION PLB(H)10W2 STRAIGHT PRINTED BOARD MOUNT CONNECTOR CODE 3, 0.146 [3.71] CONTACT EXTENSION Typical part numbers: PLC16W4M300A1 PLCH16W4M300A1 Typical part numbers: PLC16W4F300A1 PLCH16W4F300A1 NOTE: MOUNTING SCREWS CAN BE SUPPLIED WITH CONNECTORS USING STEP 5 IN ORDERING INFORMATION ON PAGE 46. MOUNTING SCREWS CAN ALSO BE ORDERED SEPARATELY BY PART NUMBER. SEE PAGE 59. NOTE: MOUNTING SCREWS CAN BE SUPPLIED WITH CONNECTORS USING STEP 5 IN ORDERING INFORMATION ON PAGE 46. MOUNTING SCREWS CAN ALSO BE ORDERED SEPARATELY BY PART NUMBER. SEE PAGE 59. Rev G2 |