công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D01477 bảng dữ liệu(PDF) 1 Page - Premier Farnell Limited.

tên linh kiện D01477
Giải thích chi tiết về linh kiện  PCB Spacer Support
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DURATOOL [Premier Farnell Limited.]
Trang chủ  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D01477 bảng dữ liệu(HTML) 1 Page - Premier Farnell Limited.

  D01477 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
15/01/19
PCB Spacer Support
Specifications
Material
: Nylon 6.6 (Polyamide 6.6) UL94 V2
Spacer Type
: Round
Colour
: Natural/White
Outer Diameter : 5mm
Inner Diameter : 3.2mm
Diagram
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell Limited 2016.
Part Number Table
Description
“A”
Part Number
PCB Round Spacer, Nylon 66, Natural
2mm
D01473
3mm
D01474
5mm
D01475
8mm
D01476
10mm
D01477
12mm
D01478
15mm
D01479


Số phần tương tự - D01477

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Premier Farnell Limited...
D01477-100 DURATOOL-D01477-100 Datasheet
137Kb / 1P
PCB Spacer Support
17/09/25 V1.0
More results

Mô tả tương tự - D01477

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
709656000 WURTH-709656000 Datasheet
104Kb / 1P
SPACER SUPPORT
709658000 WURTH-709658000 Datasheet
60Kb / 1P
SPACER SUPPORT
709670020 WURTH-709670020 Datasheet
114Kb / 1P
SPACER SUPPORT
709670030 WURTH-709670030 Datasheet
114Kb / 1P
SPACER SUPPORT
709670035 WURTH-709670035 Datasheet
114Kb / 1P
SPACER SUPPORT
709670050 WURTH-709670050 Datasheet
114Kb / 1P
SPACER SUPPORT
709670070 WURTH-709670070 Datasheet
114Kb / 1P
SPACER SUPPORT
709670100 WURTH-709670100 Datasheet
114Kb / 1P
SPACER SUPPORT
709670110 WURTH-709670110 Datasheet
114Kb / 1P
SPACER SUPPORT
709670120 WURTH-709670120 Datasheet
114Kb / 1P
SPACER SUPPORT
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com