| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX99100 bảng dữ liệu(PDF) 49 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX99100 bảng dữ liệu(HTML) 49 Page - ASIX Electronics Corporation |
|
49 / 70 page ![]() 49 AX99100 PCIe to Multi I/O Controller Copyright © 2016 ASIX Electronics Corporation. All rights reserved. PCIe Configuration Space Map 3.4 Following tables show the BAR usages in different interfaces. The detail function description, please reference in PCIe base specification Revision 1.1. About the interrupt mapping in chip default, the function 0~3 will be mapped to INTA~D. PCI Configuration Space Map for SP (Function 0~3) Offset Register Name 31 24 23 16 15 8 7 0 0x00 Device ID Vendor ID 0x04 Status Command 0x08 Class Code Revision ID 0x0C 0x10 Base Address Registers 0 0x14 Base Address Registers 1 0x18 0x1C 0x20 0x24 Base Address Registers 5 0x28 0x2C Subsystem ID Subsystem Vendor ID 0x30 0x34 0x38 0x3C Interrupt Pin Interrupt Line PCI Configuration Space Map for PP (Function 2) Offset Register Name 31 24 23 16 15 8 7 0 0x00 Device ID Vendor ID 0x04 Status Command 0x08 Class Code Revision ID 0x0C 0x10 Base Address Registers 0 0x14 Base Address Registers 1 0x18 Base Address Registers 2 0x1C 0x20 0x24 Base Address Registers 5 0x28 0x2C Subsystem ID Subsystem Vendor ID 0x30 0x34 0x38 0x3C Interrupt Pin (0x03) Interrupt Line |