công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF3166ASMPCBA-410 bảng dữ liệu(PDF) 13 Page - RF Micro Devices

tên linh kiện RF3166ASMPCBA-410
Giải thích chi tiết về linh kiện  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166ASMPCBA-410 bảng dữ liệu(HTML) 13 Page - RF Micro Devices

Back Button RF3166ASMPCBA-410 Datasheet HTML 8Page - RF Micro Devices RF3166ASMPCBA-410 Datasheet HTML 9Page - RF Micro Devices RF3166ASMPCBA-410 Datasheet HTML 10Page - RF Micro Devices RF3166ASMPCBA-410 Datasheet HTML 11Page - RF Micro Devices RF3166ASMPCBA-410 Datasheet HTML 12Page - RF Micro Devices RF3166ASMPCBA-410 Datasheet HTML 13Page - RF Micro Devices RF3166ASMPCBA-410 Datasheet HTML 14Page - RF Micro Devices RF3166ASMPCBA-410 Datasheet HTML 15Page - RF Micro Devices RF3166ASMPCBA-410 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13 of 16
RF3166
Rev A3 DS061031
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
An often overlooked problem in PA control loops is that a delay not only decreases loop stability it also affects the burst timing
when, for instance the input power from the VCO decreases (or increases) with respect to temperature or supply voltage. The
burst timing then appears to shift to the right especially at low power levels. The RF3166 is insensitive to a change in input
power and the burst timing is constant and requires no software compensation.
Switching transients occur when the up and down ramp of the burst is not smooth enough or suddenly changes shape. If the
control slope of a PA has an inflection point within the output power range or if the slope is simply too steep it is difficult to pre-
vent switching transients. Controlling the output power by changing the collector voltage is as earlier described based on the
physical relationship between voltage swing and output power. Furthermore all stages are kept constantly biased so inflection
points are nonexistent.
Harmonics are natural products of high efficiency power amplifier design. An ideal class “E” saturated power amplifier will pro-
duce a perfect square wave. Looking at the Fourier transform of a square wave reveals high harmonic content. Although this is
common to all power amplifiers, there are other factors that contribute to conducted harmonic content as well. With most
power control methods a peak power diode detector is used to rectify and sense forward power. Through the rectification pro-
cess there is additional squaring of the waveform resulting in higher harmonics. The RF3166 address this by eliminating the
need for the detector diode. Therefore the harmonics coming out of the PA should represent the maximum power of the har-
monics throughout the transmit chain. This is based upon proper harmonic termination of the transmit port. The receive port
termination on the T/R switch as well as the harmonic impedance from the switch itself will have an impact on harmonics.
Should a problem arise, these terminations should be explored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com