| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KF15BDT bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
KF15BDT bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 17 page ![]() KF00 5/17 ELECTRICAL CHARACTERISTICS FOR KF27 (refer to the test circuits, Tj = 25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) ELECTRICAL CHARACTERISTICS FOR KF30 (refer to the test circuits, Tj = 25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =50 mA, VI = 4.7 V 2.646 2.7 2.754 V IO =50 mA, VI =4.7 V, Ta = -25 to 85°C 2.592 2.808 VI Operating Input Voltage IO =500 mA 20 V IO Output Current Limit 1 A ∆V O Line Regulation VI =3.7 to 20 V, IO =5mA 2 12 mV ∆V O Load Regulation VI =4 V, IO = 5 to 500 mA 2 50 mV Id Quiescent Current VI = 3.7 to 20V, IO = 0mA (ON MODE) 0.5 1 mA VI = 4 to 20V, IO =500mA 12 VI = 6 V (OFF MODE) 50 100 µA SVR Supply Voltage Rejection IO =5 mA VI =4.7 ± 1 V f= 120 Hz 82 dB f= 1 KHz 77 f= 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO =200 mA 0.2 0.35 V IO =500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =6 V, VC =6 V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 500 mA 2 10 µF Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =50 mA, VI = 5 V 2.94 3 3.06 V IO =50 mA, VI =5 V, Ta = -25 to 85°C 2.88 3.12 VI Operating Input Voltage IO =500 mA 20 V IO Output Current Limit 1 A ∆V O Line Regulation VI =4 to 20 V, IO =5mA 2 12 mV ∆V O Load Regulation VI =4.3 V, IO = 5 to 500 mA 2 50 mV Id Quiescent Current VI = 4 to 20V, IO = 0mA (ON MODE) 0.51mA VI = 4.3 to 20V, IO =500mA 12 VI = 6 V (OFF MODE) 50 100 µA SVR Supply Voltage Rejection IO =5 mA VI =5 ± 1 V f= 120 Hz 81 dB f= 1 KHz 76 f= 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO =200 mA 0.2 0.35 V IO =500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =6 V, VC =6 V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 500 mA 2 10 µF |