công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF3802 bảng dữ liệu(PDF) 10 Page - RF Micro Devices

tên linh kiện RF3802
Giải thích chi tiết về linh kiện  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3802 bảng dữ liệu(HTML) 10 Page - RF Micro Devices

Back Button RF3802_1 Datasheet HTML 4Page - RF Micro Devices RF3802_1 Datasheet HTML 5Page - RF Micro Devices RF3802_1 Datasheet HTML 6Page - RF Micro Devices RF3802_1 Datasheet HTML 7Page - RF Micro Devices RF3802_1 Datasheet HTML 8Page - RF Micro Devices RF3802_1 Datasheet HTML 9Page - RF Micro Devices RF3802_1 Datasheet HTML 10Page - RF Micro Devices RF3802_1 Datasheet HTML 11Page - RF Micro Devices RF3802_1 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 of 12
RF3802
Rev A6 DS050609
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is 3
μinch
to 8
μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns for PFMD components are based on IPC-7351 standards and RFMD empirical data. The pad pattern shown
has been developed and tested for optimized assembly at RFMD. The PCB land pattern has been developed to accommodate
lead and package tolerances. Since surface mount processes vary from company to company, careful process development is
recommended.
PCB Metal Land Pattern
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB
metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be
provided in the master data or requested from the PCB fabrication supplier.
A = 1.14 x 0.71
B = 1.02 x 0.71 Typ.
C = 3.96 x 4.44
Dimensions in
mm.
C
A
B
B
B
B
B
B
B
Pin 1
5.93
1.27 Typ.
5.99 Typ.
3.00
3.81 Typ.
1.90
A = 1.30 x 0.86
B = 1.17 x 0.86 Typ.
C = 4.11 x 4.60
Dimensions in
mm.
5.93
Pin 1
A
C
B
B
B
B
B
B
B
1.27 Typ.
5.99 Typ.
3.00
3.81 Typ.
1.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12