công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC4558ID/IDT bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện MC4558ID/IDT
Giải thích chi tiết về linh kiện  Wide bandwidth dual bipolar operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC4558ID/IDT bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button MC4558ID/IDT Datasheet HTML 3Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 4Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 5Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 6Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 7Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 8Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 9Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 10Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC4558
Package mechanical data
Doc ID 2181 Rev 3
7/11
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 8.
DIP8 package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.3
0.130
a1
0.7
0.028
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.6
0.017
0.063
Plastic DIP-8 MECHANICAL DATA
P001F



Html Pages

1 2 3 4 5 6 7 8 9 10 11