công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF5388PCBA-410 bảng dữ liệu(PDF) 3 Page - RF Micro Devices

tên linh kiện RF5388PCBA-410
Giải thích chi tiết về linh kiện  3.3V, DUAL-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5388PCBA-410 bảng dữ liệu(HTML) 3 Page - RF Micro Devices

  RF5388PCBA-410 Datasheet HTML 1Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 2Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 3Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 4Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 6Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 7Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 8Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 of 14
RF5388
Preliminary
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit, cont.
Power Supply
3.0
3.3
3.6
V
PAEN_g Voltage
2.8
2.85
2.9
V
PAEN_a is in the high state (ON)
-0.2
+0.2
V
PAEN_g is in the off state (OFF)
Switch Voltages
3.0
3.6
V
Switch voltage in the high state.
0
0.2
V
Switch voltage in the low state.
Input Impedance
50
Ω
Output Impedance
50
Ω
Stability Output VSWR
4:1
Stable, max spurious -47dBm
Ruggedness Output VSWR
10:1
No damage, conditions: max operating voltage,
max input power
Second Harmonic
-43
dBm
Freq=2400MHz to 2500MHz at 18dBm POUT,
RBW=1MHz, average detector tested with
1Mbps
IEEE802.11b/g Spectral Mask per
FCC Part 15.205
-43
dBm
Amplifier set up for best IEEE802.11g perfor-
mance; FC=2412MHz; RF POUT=TBDdBm;
IEEE802.11b CCK 11Mbps Modulation,
T=+25°C, Measured at FC-22MHz
IEEE802.11b/g Spectral Mask per
FCC Part 15.205
-43
dBm
Amplifier set up for best IEEE802.11g perfor-
mance; FC=2462MHz; RF POUT=TBDdBm;
IEEE802.11b CCK 11Mbps Modulation,
T=+25°C, Measured at FC+22MHz
Turn-On Time
1.0
μSec
Output stable to within 90% of final gain
Turn-Off Time
1.0
μSec
Output stable to within 90% of final gain
5.0GHz Transmit
T=+25°C, VCC(a)=3.3V, PAEN_a=2.85V,
Freq=4.9GHz to 5.85GHz, unless otherwise
noted.
Compliance
IEEE802.11a
IEEE802.11j
FCC CFR 15.247, 0.205, 0.209
Frequency
4.9
5.85
GHz
Output Power
16
dBm
With a standard IEEE802.11a waveform,
OFDM, 54Mbits/s, 64 QAM
EVM*
4
6
%
At 16dBm output power, RMS, mean with a
standard IEEE802.11a waveform, OFDM,
54Mbits/s, 64 QAM at rated output power
Output Power
13
dBm
At 13dBm, 11g output power, with a standard
IEEE802.11a waveform, OFDM, 54Mbits/s, 64
QAM
EVM
2
%
At 13dBm, 11g output power, with a standard
IEEE802.11a waveform, OFDM, 54Mbits/s, 64
QAM
Gain
23
25
dB
Gain Variance
±2.0
dB
Power Detect
Voltage Range
0.7
1.5
TBD
V
At POUT range of 0dBm to 16dBm with a stan-
dard IEEE802.11a waveform.
Output Resistance
10
k
Ω
Output Capacitance
1
pF
Bandwidth
8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com