| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3073 bảng dữ liệu(PDF) 13 Page - APM Hexseal Corporation All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
3073 bảng dữ liệu(HTML) 13 Page - APM Hexseal Corporation All Rights Reserved |
|
13 / 21 page ![]() 13 DIMENSIONS FOR REFERENCE ONLY. Current dimensional drawings can be viewed on our website and CAD drawings can also be downloaded. RoHS Compliant Back-of-Panel Mounted Pushbutton Boots FIGURE 11 FIGURE 13 FIGURE 12 FIGURE 14 FIGURE 15 FIGURE 16 Plunger- Outside Bushing AB C Military APM Boot Thread Height O.D. Inside Thread Part Part Number Color* inch mm inch mm inch mm Number 5⁄8-27NS-2A .438 11.12 .844 21.44 .875 22.23 1⁄2-32NS-2B M5423/06-01† 3070 Gray • 5⁄8-24NEF-2A .438 11.12 .844 21.44 .875 22.23 1⁄2-32NS-2B M5423/06-03 3073 Gray • 5⁄8-27NS-2A .688 17.47 .844 21.44 .875 22.23 1⁄2-32NS-2B M5423/06-02† 3075 Gray • 5⁄8-24NEF-2A .688 17.47 .844 21.44 .875 22.23 1⁄2-32NS-2B M5423/06-04 3077 Gray • Panel-Mounted Full Pushbutton Boots – IP66/68 Rated Figure 11 Plunger AB C Military Thread Height Flat I.D. Part APM Boot Color* Size inch mm inch mm inch mm inch mm Number Part Number 15⁄32-32NS-2B .281 7.14 .547 13.89 .625 15.88 .422 10.72 M5423/07-06 N3030RFI Gray • 15⁄32-32NS-2B .438 11.11 .719 18.26 .625 15.88 .422 10.72 M5423/07-07 NC3030RFI Gray • 1⁄2-32NS-2B .281 7.14 .547 13.89 .625 15.88 .422 10.72 M5423/07-08 NH3030RFI Gray • 1⁄2-32NS-2B .188 4.76 .547 13.89 .625 15.88 .422 10.72 M5423/07-10 NH3030SRFI Gray • 5⁄8-24NEF-2B .281 7.14 .609 15.48 .750 19.05 .516 13.10 M5423/07-09 N3040RFI Gray • 1⁄2-32NS-2B .469 11.91 .734 18.65 .625 15.88 .422 10.72 — NC3030HRFI Gray • EMI/RFI Shielded Full Pushbutton Boots – IP66/68 Rated Figure 14 D AB C Hole Width Military APM Boot Color Height O.D. Locations Part Part Number inch mm inch mm inch mm inch mm inch mm Number .906 23.02 .531 13.49 .453 11.51 1.813 46.04 .750 19.05 — 3050 Clear • .399 10.13 .438 11.11 .359 9.13 1.813 46.04 .750 19.05 — 3051 Clear • Full Pushbutton Boots Figure 15 A BC Military Thread Height Flat Throat Part APM Boot Color* Size inch mm inch mm inch mm Number Part Number 7⁄16-28NS-2B .547 13.89 .625 15.88 .250 6.35 — N3030B 7⁄ 16-28 Clear • 7⁄16-32UN-2B .547 13.89 .625 15.88 .250 6.35 — N3030B 7⁄ 16-32 Clear • 15⁄32-32NS-2B .547 13.89 .625 15.88 .250 6.35 — N3030B Clear • 1⁄2-32NS-2B .547 13.89 .625 15.88 .250 6.35 — NH3030B Clear • Half-Pushbutton Boots (Pushbutton Actuator Protrudes) – IP66/68 Rated Figure 12 *Other colors available. Please consult factory. †Inactive for new designs. *Other colors available. Please consult factory *Other colors available. Please consult factory. All standard EMI/RFI boots feature a molded knitted Monel shield. EMI/RFI shielded pushbutton boots have an operational life of 15,000 actuations (minimum) Part numbers in this group conform to A-A-59588 Gr. 50. Plunger AB C Military Thread Height Flat I.D. Part APM Boot Color Size inch mm inch mm inch mm inch mm Number Part Number 15⁄32-32NS-2B .438 11.11 .984 25.00 .750 19.05 .422 10.72 — 1238/1 SS †† • 15⁄32-32NS-2B .438 11.11 .984 25.00 .750 19.05 .422 10.72 — 1238/5* SS †† • Armored Pushbutton Boots – IP66/68 Rated Figure 13 *P/N 1238/5 features a 11/4" diameter actuator button. ††Stainless steel housing with silicone boot. D AB C Hole Width Military Height O.D. Throat Locations Part APM Boot Color inch mm inch mm inch mm inch mm inch mm Number Part Number .578 14.68 .531 13.49 .156 3.97 1.813 46.04 .750 19.05 — 3050B Clear • Half Pushbutton Boots (Pushbutton Actuator Protrudes) Figure 16 Part numbers in this group conform to A-A-59588 Gr. 50. www.apmhexseal.com 800.498.9034 |