công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C1113/63 bảng dữ liệu(PDF) 18 Page - APM Hexseal Corporation All Rights Reserved

tên linh kiện C1113/63
Giải thích chi tiết về linh kiện  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APM [APM Hexseal Corporation All Rights Reserved]
Trang chủ  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1113/63 bảng dữ liệu(HTML) 18 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1113/63 Datasheet HTML 13Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 14Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 15Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 16Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 17Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 18Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 19Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 20Page - APM Hexseal Corporation All Rights Reserved C1113/63 Datasheet HTML 21Page - APM Hexseal Corporation All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
www.apmhexseal.com
800.498.9034
Economy Switch Seals
SPECIFICATIONS
Material: Boot: Neoprene.
Color: Black (other materials and colors available on special order.)
Temperature Range: -65°F to +300°F (-53°C to +148°C)
Shelf Life: 2 years.
Mounting Nut: Aluminum (see table below)
Installation: A. Mount the switch using SNAPSEEL shouldered mounting nut.
B. Press SNAPSEEL over switch actuator and snap over nut.
HOW TO ORDER
Select boot to fit switch type and dimensions. Choose shouldered mounting nut to mate
with selected boot. SEE TABLE BELOW FOR SHOULDERED MOUNTING NUT
OPTION. For example: When ordering a pushbutton boot PN 1211/10, also order its
companion shouldered mounting nut P/N 2120/122/1.
SNAPSEELS®
SNAPSEELS® combine economy
with performance for more moderate
temperature conditions and lower-demand
commercial-grade applications. Each
consists of a molded neoprene boot
which snaps over a specially designed
shouldered mounting nut. These
inexpensive boots are an ideal way to
protect switches and potentiometers
against dust, dirt, grease and moderate
amounts of moisture.
Pushbutton Boots
Part No. 1211/10
Pushbutton Height from panel: Up to 9/16"
Pushbutton Diameter: Up to 1/4"
Bushing Diameter: 15/32" maximum
Part No. 1211/5
Pushbutton Height from panel: Up to 9/16"
Pushbutton Diameter: Up to 1/4"
Bushing Diameter: 3/8" maximum
Part No. 1211/32
Pushbutton Height from panel: Up to 19/64"
Pushbutton Diameter: Up to 1/8"
Bushing Diameter: 1/4" maximum
Toggle Switch Boots
Part No. 1111/4
Bat Handle Height from panel: 7/8"
Bat Handle Diameter: Up to 1/4"
Bushing Diameter: 15/32" maximum
Part No. 1111/9
Subminiature Toggle Boot
Bat Handle Heights from panel: Up to 9/16"
Bat Handle Diameter: Up to 1/8"
Bushing Diameter: 1/4" maximum
Rotary Shaft Boots
Part No. 1312/7
Shaft Diameter: 1/4" nominal
Bushing Diameter: 3/8" maximum
Part No. 1312/8
Shaft Diameter: 1/8" nominal
Bushing Diameter: 1/4" maximum
SNAPSEEL™ Shouldered Mounting Nut
Selection Chart
TO INSURE PROPER DESIGN
FUNCTION, SNAPSEEL MUST BE
USED WITH APM SHOULDER TYPE
NUT (SEE CHART FOR SIZES).
METRIC THREAD AVAILABLE
ON REQUEST.
APM Part No.
Bushing
For use with
Dimensions
(Shouldered Nut)
Thread Size*
SNAPSEEL P/N
ABCD
2120/122/1
15⁄32-32
1211/10, 1111/4
17⁄32"
3⁄32"
11⁄64"
5⁄8"
2120/122/2
3⁄8-27
1211/5, 1312/7
13⁄32"
3⁄32"
11⁄64"
1⁄2"
2120/122/3
3⁄8-32
1211/5, 1312/7
13⁄32"
3⁄32"
11⁄64"
1⁄2"
2120/122/5
1⁄4-40
2120/122/6
M6 x .75
1211/32
2120/122/7
10-48
1111/9
9⁄32"
3⁄64"
3⁄32"
5⁄16"
2120/122/9
1⁄4-32
1312/8
2120/122/10
12-24
MATERIAL: ALUMINUM
*Other thread sizes available. Please consult factory.
P/N 1211/10
P/N 1211/5
P/N 1111/4
P/N 1111/9
P/N 1312/7
P/N 1312/8
P/N 1211/32
RoHS
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com