công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAL2V2SA009KLF bảng dữ liệu(PDF) 5 Page - Amphenol Communications Solutions

tên linh kiện DAL2V2SA009KLF
Giải thích chi tiết về linh kiện  D-Subminiature High Power Series WITH CRIMP, SOLDER BUCKET, AND PCB TERMINATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLCS [Amphenol Communications Solutions]
Trang chủ  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

DAL2V2SA009KLF bảng dữ liệu(HTML) 5 Page - Amphenol Communications Solutions

  DAL2V2SA009KLF Datasheet HTML 1Page - Amphenol Communications Solutions DAL2V2SA009KLF Datasheet HTML 2Page - Amphenol Communications Solutions DAL2V2SA009KLF Datasheet HTML 3Page - Amphenol Communications Solutions DAL2V2SA009KLF Datasheet HTML 4Page - Amphenol Communications Solutions DAL2V2SA009KLF Datasheet HTML 5Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature High Power Series
PART NUMBERS
Description
Part Numbers
High Power, 3W3, Male cable connector
DA3W3PA009KLF
High Power, 3W3, Female cable connector
DA3W3SA009KLF
High Power, 5w5, Male cable connector
DB5W5PA009KLF
High Power, 5w5, Female cable connector
DB5W5SA009KLF
High Power, 3W3, Male R/A Board connector
DAV3W3P500H9KLF
High Power, 3W3, Female R/A Board connector
DAV3W3S500H9KLF
High Power, 5W5, Male R/A Board connector
DBV5W5P500H9KLF
High Power, 5W5, Female R/A Board connector
DBV5W5S500H9KLF
Female Power Contact, 75A*, Crimp Type
8638PSC7506LF
Male Power Contact, 75A*, Crimp Type
8638PPC7506LF
Female Power Contact, 75A*, Solder Bucket
8638PSS7506LF
Male Power Contact, 75A*, Solder Bucket
8638PPS7506LF



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com