công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P2DF108HF bảng dữ liệu(PDF) 2 Page - nVent Electric plc

tên linh kiện P2DF108HF
Giải thích chi tiết về linh kiện  Side Door Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NVENT [nVent Electric plc]
Trang chủ  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2DF108HF bảng dữ liệu(HTML) 2 Page - nVent Electric plc

  P2DF108HF Datasheet HTML 1Page - nVent Electric plc P2DF108HF Datasheet HTML 2Page - nVent Electric plc P2DF108HF Datasheet HTML 3Page - nVent Electric plc P2DF108HF Datasheet HTML 4Page - nVent Electric plc P2DF108HF Datasheet HTML 5Page - nVent Electric plc P2DF108HF Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PROLINE G2 ExtERNaL COmPONENts Door Accessories
PH 763.422.2211
nVent.com/HOFFMAN
mOduLaR ENCLOsuRE sOLutIONs
2
Spec-01190 B
P2
Model
PROLINE G2
D
Component
Door
Blank
Specialty
Blank = standard
HF
= EMC
protected
A
Type
Blank = single door
O
= double door
W
= window door
A
= side door
adapter
DR
= disconnect right
DL
= disconnect left
DR2 = disconnect right
large cutout
F
= dress frame
20
Height
mm
22 = 2200
20 = 2000
18 = 1800
16 = 1600
14 = 1400
12 = 1200
10 = 1000
8 = 800
6 = 600
6
Depth
mm
10 = 1000
8 = 800
6 = 600
5 = 500
4 = 400
P2DA206
Catalog Number
NOTE: Not every combination is
available as a standard product.
dOOR stOP KIt
aPPLICatION
The Door Stop Kit is used for modular enclosures and holds doors
open at 130 degrees.
FEatuREs
•
High-performance, 3/8-in. (9.5 mm) aluminum stop arm
•
DELRIN® gliders for smooth actuation
•
BV-M6 fasteners to attach the door stop to the frame and door
sPECIFICatIONs
•
10 gauge (3.0 mm) steel slotted slider bracket
•
Mounts without drilling
•
Kit includes a slotted slider bracket that mounts to the top or
bottom of the door and a stop arm that attaches to the frame
•
All necessary mounting hardware included
Bulletin: p40
Catalog Number
Description
P2ADSK
PROLINE G2 Door Stop Kit



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com