| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2P2016 bảng dữ liệu(PDF) 7 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
P2P2016 bảng dữ liệu(HTML) 7 Page - nVent Electric plc |
|
7 / 12 page ![]() PROLINE G2 INtERNaL COmPONENts Panels and accessories nVent.com/HOFFMAN SUBJECT TO CHANGE WITHOUT NOTICE mOduLaR ENCLOsuRE sOLutIONs 7 Spec-01198 D Standard Product Front- or Rear-mount Partial subpanels Catalog Number H (mm) H (in.) W (mm) W (in.) Fits Frame HxW (mm) Description P2PP54 514 20.2 326 12.8 500x400 Painted P2PP54G 514 20.2 326 12.8 500x400 Conductive P2PP56 514 20.2 526 20.7 500x600 Painted P2PP56G 514 20.2 526 20.7 500x600 Conductive P2PP58 514 20.2 726 28.6 500x800 Painted P2PP58G 514 20.2 726 28.6 500x800 Conductive P2PP510 514 20.2 926 36.5 500x1000 Painted P2PP510G 514 20.2 926 36.5 500x1000 Conductive P2PP512 514 20.2 1126 44.3 500x1200 Painted P2PP512G 514 20.2 1126 44.3 500x1200 Conductive P2PP74 714 28.1 326 12.8 700x400 Painted P2PP74G 714 28.1 326 12.8 700x400 Conductive P2PP76 714 28.1 526 20.7 700x600 Painted P2PP76G 714 28.1 526 20.7 700x600 Conductive P2PP78 714 28.1 726 28.6 700x800 Painted P2PP78G 714 28.1 726 28.6 700x800 Conductive P2PP710 714 28.1 926 36.5 700x1000 Painted P2PP710G 714 28.1 926 36.5 700x1000 Conductive P2PP712 714 28.1 1126 44.3 700x1200 Painted P2PP712G 714 28.1 1126 44.3 700x1200 Conductive P2PP94 914 36.0 326 12.8 900x400 Painted P2PP94G 914 36.0 326 12.8 900x400 Conductive P2PP96 914 36.0 526 20.7 900x600 Painted P2PP96G 914 36.0 526 20.7 900x600 Conductive P2PP98 914 36.0 726 28.6 900x800 Painted P2PP98G 914 36.0 726 28.6 900x800 Conductivev P2PP910 914 36.0 926 36.5 900x1000 Painted P2PP910G 914 36.0 926 36.5 900x1000 Conductive P2PP912 914 36.0 1126 44.3 900x1200 Painted P2PP912G 914 36.0 1126 44.3 900x1200 Conductive P2PP114 1114 43.8 326 12.8 1100x400 Painted P2PP114G 1114 43.8 326 12.8 1100x400 Conductive P2PP116 1114 43.8 526 20.7 1100x600 Painted P2PP116G 1114 43.8 526 20.7 1100x600 Conductive P2PP118 1114 43.8 726 28.6 1100x800 Painted P2PP118G 1114 43.8 726 28.6 1100x800 Conductive P2PP1110 1114 43.8 926 36.5 1100x1000 Painted P2PP1110G 1114 43.8 926 36.5 1100x1000 Conductive P2PP1112 1114 43.8 1126 44.3 1100x1200 Painted P2PP1112G 1114 43.8 1126 44.3 1100x1200 Conductive |